Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 44 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 40Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 41Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 42Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 43Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 44Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 45Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 46Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 47Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
0.0
1.0
2.0
3.0
4.0
5.0
0.0
4.0
8.0
12.0
16.0
f
− DCO Frequency − MHz
DCO
T
A = 25°C
T
A = 85°C
V
= 2.2 V
CC
V
CC = 3 V
T
A = 25°C
T = 85°C
A
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
1.5
2.0
2.5
3.0
3.5
4.0
V
− Supply Voltage − V
CC
f
DCO = 1 MHz
f
DCO = 8 MHz
f
DCO = 12 MHz
f
DCO = 16 MHz
44
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
Tools accessing the Spy-Bi-Wire interface need to wait for the maximum tSBW,En time after pulling the TEST/SBWCLK pin high before
applying the first SBWCLK clock edge.
(2)
fTCK may be restricted to meet the timing requirements of the module selected.
5.38 JTAG and Spy-Bi-Wire Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fSBW
Spy-Bi-Wire input frequency
TA = -40°C to 105°C
2.2 V, 3 V
0
20
MHz
tSBW,Low
Spy-Bi-Wire low clock pulse duration
TA = -40°C to 105°C
2.2 V, 3 V
0.025
15
µs
tSBW,En
Spy-Bi-Wire enable time
(TEST high to acceptance of first clock edge(1))
TA = -40°C to 105°C
2.2 V, 3 V
1
µs
tSBW,Ret
Spy-Bi-Wire return to normal operation time
TA = -40°C to 105°C
2.2 V, 3 V
15
100
µs
fTCK
TCK input frequency(2)
TA = -40°C to 105°C
2.2 V
0
5
MHz
3 V
0
10
MHz
RInternal
Internal pulldown resistance on TEST
TA = -40°C to 105°C
2.2 V, 3 V
25
60
90
(1)
Once the fuse is blown, no further access to the JTAG/Test and emulation features is possible, and the JTAG block is switched to
bypass mode.
5.39 JTAG Fuse
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC(FB)
Supply voltage during fuse-blow condition
TA = 25°C
2.5
V
VFB
Voltage level on TEST for fuse blow
TA = 25°C
6
7
V
IFB
Supply current into TEST during fuse blow
TA = 25°C
100
mA
tFB
Time to blow fuse
TA = 25°C
1
ms
5.40 Typical Characteristics - Active-Mode Supply Current (Into DVCC + AVCC)
Figure 12. Active-Mode Current vs Supply Voltage TA = 25°C
Figure 13. Active-Mode Current vs DCO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com