Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 22 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 18Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 19Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 20Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 21Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 22Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 23Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 24Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 25Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
22
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal CC4V-T1A SMD crystal with a load capacitance of 9 pF. The internal and external
load capacitance is chosen to closely match the required 9 pF.
(3)
Current for brownout and WDT clocked by SMCLK included.
(4)
Current for brownout and WDT clocked by ACLK included.
(5)
Current for brownout included.
5.5 Low-Power-Mode Supply Currents (Into VCC ) Excluding External Current
(1) (2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted). See Typical
Characteristics - LPM4 Current for related characterization graphs.
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ILPM0, 1MHz
Low-power mode 0
(LPM0) current(3)
fMCLK = 0 MHz,
fSMCLK = fDCO = 1 MHz,
fACLK = 32768 Hz,
BCSCTL1 = CALBC1_1MHZ,
DCOCTL = CALDCO_1MHZ,
CPUOFF = 1, SCG0 = 0, SCG1 = 0,
OSCOFF = 0
-40°C to 85°C
2.2 V
55
66
µA
105°C
68
-40°C to 85°C
3 V
70
83
105°C
90
ILPM0,
100kHz
Low-power mode 0
(LPM0) current(3)
fMCLK = 0 MHz,
fSMCLK = fDCO(0, 0) ≈ 100 kHz,
fACLK = 0 Hz,
RSELx = 0, DCOx = 0,
CPUOFF = 1, SCG0 = 0, SCG1 = 0,
OSCOFF = 1
-40°C to 85°C
2.2 V
33
42
µA
125°C
46
-40°C to 85°C
3 V
37
46
125°C
50
ILPM2
Low-power mode 2
(LPM2) current(4)
fMCLK = fSMCLK = 0 MHz,
fDCO = 1 MHz,
fACLK = 32768 Hz,
BCSCTL1 = CALBC1_1MHZ,
DCOCTL = CALDCO_1MHZ,
CPUOFF = 1, SCG0 = 0, SCG1 = 1,
OSCOFF = 0
-40°C to 85°C
2.2 V
20
25
µA
125°C
29
-40°C to 85°C
3 V
22
27
125°C
33
ILPM3,
LFXT1
Low-power mode 3
(LPM3) current(4)
fDCO = fMCLK = fSMCLK = 0 MHz,
fACLK = 32768 Hz,
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 0
-40°C to 25°C
2.2 V
0.7
1.2
µA
85°C
1.6
2.3
105°C
3
6
-40°C to 25°C
3 V
0.9
1.9
85°C
1.6
2.8
105°C
3
7
ILPM3, VLO
Low-power mode 3
current, (LPM3)(4)
fDCO = fMCLK = fSMCLK = 0 MHz,
fACLK from internal LF oscillator
(VLO),
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 0
-40°C to 25°C
2.2 V
0.3
0.7
µA
85°C
1.2
1.9
125°C
2
6
-40°C to 25°C
3 V
0.7
0.8
85°C
1.4
2.1
125°C
2.5
6.5
ILPM4
Low-power mode 4
(LPM4) current(5)
fDCO = fMCLK = fSMCLK = 0 MHz,
fACLK = 0 Hz,
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 1
-40°C
2.2 V, 3 V
0.1
0.5
µA
25°C
0.1
0.5
85°C
0.8
1.5
125°C
2
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com