Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 9 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 5Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 6Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 7Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 8Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 9Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 10Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 11Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 12Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
9
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
Multiple source flags
(2)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0x0000 to 0x01FF) or
from within unused address range.
(3)
(non)-maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt enable cannot.
Nonmaskable: neither the individual nor the general interrupt-enable bit will disable an interrupt event.
(4)
Interrupt flags are located in the module.
(5)
In SPI mode: UCB0RXIFG. In I2C mode: UCALIFG, UCNACKIFG, ICSTTIFG, UCSTPIFG
(6)
In UART/SPI mode: UCB0TXIFG. In I2C mode: UCB0RXIFG, UCB0TXIFG
(7)
This location is used as bootstrap loader security key (BSLSKEY).
A 0xAA55 at this location disables the BSL completely.
A zero (0x0) disables the erasure of the flash if an invalid password is supplied.
(8)
The interrupt vectors at addresses 0xFFDC to 0xFFC0 are not used in this device and can be used for regular program code if
necessary.
4.4 Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are located in the address range of 0xFFFF to 0xFFC0.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
If the reset vector (located at address 0xFFFE) contains 0xFFFF (for example, if flash is not programmed), the
CPU goes into LPM4 immediately after power up.
Table 3. Interrupt Vector Addresses
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up
PORIFG
Reset
0xFFFE
31, highest
External reset
RSTIFG
Watchdog
WDTIFG
Flash key violation
KEYV(1)
PC out of range(2)
NMI
NMIIFG
(Non)maskable
0xFFFC
30
Oscillator fault
OFIFG
(Non)maskable
Flash memory access violation
ACCVIFG(1)(3)
(Non)maskable
Timer1_A2
TA1CCR0 CCIFG(4)
Maskable
0xFFFA
29
Timer1_A2
TA1CCR1 CCIFG,
Maskable
0xFFF8
28
TA1CTL TAIFG(1)(4)
Comparator_A+
CAIFG
Maskable
0xFFF6
27
Watchdog timer
WDTIFG
Maskable
0xFFF4
26
Timer0_A3
TA0CCR0 CCIFG(4)
Maskable
0xFFF2
25
Timer0_A3
TA0CCR1 CCIFG,
Maskable
0xFFF0
24
TA0CCR2 CCIFG,
TA0CTL TAIFG(1)(4)
USCI_A0/USCI_B0 receive
UCA0RXIFG,
UCB0RXIFG(1)(5)
Maskable
0xFFEE
23
USCI_B0 I2C status
USCI_A0/USCI_B0 transmit
UCA0TXIFG,
UCB0TXIFG(1)(6)
Maskable
0xFFEC
22
USCI_B0 I2C receive/transmit
ADC10
ADC10IFG(4)
Maskable
0xFFEA
21
0xFFE8
20
I/O port P2 (eight flags)
P2IFG.0 to P2IFG.7(1)(4)
Maskable
0xFFE6
19
I/O port P1 (eight flags)
P1IFG.0 to P1IFG.7(1)(4)
Maskable
0xFFE4
18
0xFFE2
17
0xFFE0
16
See (7)
0xFFDE
15
See (8)
0xFFDC to 0xFFC0
14 to 0, lowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com