Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 12 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 8Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 9Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 10Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 11Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 12Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 13Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 14Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 15Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
12
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
4.9 Peripherals
Peripherals are connected to the CPU through data, address, and control buses and can be handled using all
instructions. For complete module descriptions, see the MSP430x2xx Family User's Guide (SLAU144).
4.10 Oscillator and System Clock
The clock system is supported by the basic clock module that includes support for a 32768-Hz watch crystal
oscillator, an internal very-low-power low-frequency oscillator, an internal digitally-controlled oscillator (DCO), and
a high-frequency crystal oscillator. The basic clock module is designed to meet the requirements of both low
system cost and low power consumption. The internal DCO provides a fast turn-on clock source and stabilizes in
less than 1 µs. The basic clock module provides the following clock signals:
•
Auxiliary clock (ACLK), sourced from a 32768-Hz watch crystal, a high-frequency crystal, or the internal very-
low-power LF oscillator.
•
Main clock (MCLK), the system clock used by the CPU.
•
Sub-Main clock (SMCLK), the sub-system clock used by the peripheral modules.
The DCO settings to calibrate the DCO output frequency are stored in the information memory segment A.
4.11 Calibration Data Stored in Information Memory Segment A
Calibration data is stored for both the DCO and for ADC10 organized in a tag-length-value (TLV) structure.
Table 10. Tags Used By the ADC Calibration Tags
NAME
ADDRESS
VALUE
DESCRIPTION
TAG_DCO_30
0x10F6
0x01
DCO frequency calibration at VCC = 3 V and TA = 30°C at calibration
TAG_ADC10_1
0x10DA
0x08
ADC10_1 calibration tag
TAG_EMPTY
-
0xFE
Identifier for empty memory areas
Table 11. Labels Used By the ADC Calibration Tags
LABEL
CONDITION AT CALIBRATION / DESCRIPTION
SIZE
ADDRESS
OFFSET
CAL_ADC_25T85
INCHx = 0x1010, REF2_5 = 1, TA = 85°C
word
0x0010
CAL_ADC_25T30
INCHx = 0x1010, REF2_5 = 1, TA = 30°C
word
0x000E
CAL_ADC_25VREF_FACTOR
REF2_5 = 1, TA = 30°C, IVREF+ = 1 mA
word
0x000C
CAL_ADC_15T85
INCHx = 0x1010, REF2_5 = 0, TA = 85°C
word
0x000A
CAL_ADC_15T30
INCHx = 0x1010, REF2_5 = 0, TA = 30°C
word
0x0008
CAL_ADC_15VREF_FACTOR
REF2_5 = 0, TA = 30°C, IVREF+ = 0.5 mA
word
0x0006
CAL_ADC_OFFSET
External VREF = 1.5 V, fADC10CLK = 5 MHz
word
0x0004
CAL_ADC_GAIN_FACTOR
External VREF = 1.5 V, fADC10CLK = 5 MHz
word
0x0002
CAL_BC1_1MHz
-
byte
0x0009
CAL_DCO_1MHz
-
byte
0x0008
CAL_BC1_8MHz
-
byte
0x0007
CAL_DCO_8MHz
-
byte
0x0006
CAL_BC1_12MHz
-
byte
0x0005
CAL_DCO_12MHz
-
byte
0x0004
CAL_BC1_16MHz
-
byte
0x0003
CAL_DCO_16MHz
-
byte
0x0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com