Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 158Page - Renesas Technology Corp UPD17708 Datasheet HTML 159Page - Renesas Technology Corp UPD17708 Datasheet HTML 160Page - Renesas Technology Corp UPD17708 Datasheet HTML 161Page - Renesas Technology Corp UPD17708 Datasheet HTML 162Page - Renesas Technology Corp UPD17708 Datasheet HTML 163Page - Renesas Technology Corp UPD17708 Datasheet HTML 164Page - Renesas Technology Corp UPD17708 Datasheet HTML 165Page - Renesas Technology Corp UPD17708 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
160
Figure 13-9. Timing Chart
As shown in Figure 13-9, the program is started from address 0000H because the internal 10-Hz pulse
rises when supply voltage VDD is first applied.
When the BTM0CY flag is detected at point A, it is judged that the BTM0CY flag is reset (to 0) and that
a power failure (power-ON reset) has occurred because the power has just been applied.
Therefore, “processing C” is executed, and the BTM0CY flag setting pulse is set to 100 ms.
Because the content of the BTM0CY flag is read once at point A, the BTM0CY flag will be set to 1 every
100 ms.
Next, even if the CE pin goes low at point B and high at point C, the program counts up the watch timer
while executing “processing B”, unless the clock stop instruction is executed.
At point C, because the CE pin goes high, CE reset is effected at point D at which the BTM0CY flag setting
pulse rises next time, and the program is started from address 0000H.
When the BTM0CY flag is detected at point E at this time, it is set to 1. Therefore, this is judged to be
a back up (CE reset).
As is evident from the above figure, unless the watch is updated by 100 ms at point E, the watch is delayed
by 100 ms each time CE reset is effected.
If processing A takes longer than 100 ms when a power failure is detected at point E, the setting of the
BTM0CY flag is overlooked two times. Therefore, processing A must be completed within 100 ms.
The above description also applies when the BTM0CY flag setting pulse is set to 50, 20, or 10 ms.
Therefore, the BTM0CY flag must be detected for power failure detection within the BTM0CY flag setting
time after the program has been started from address 0000H.
A
Power-ON reset
Start from address 0
CE reset
Start from address 0
Application of
supply voltage
BTM0CY flag detected
C
5 V
VDD
CE
BTM0CY flag setting
pulse (10 Hz)
BTM0CY flag
Program processing
Program instruction
0 V
H
L
H
L
1
0
BB
B
B
B
BBB
B
B
<3>
Watch UP
<3>
Watch UP
<3>
Watch UP
<3>
<3>
<1>
Watch UP
<3>
<3>
<3>
<3>
<3>
<1>
A
Updates watch timer because
setting of BTM0CY flag (to 1)
is detected
Point A
Point B
Point C
Point D
Point E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com