Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 157Page - Renesas Technology Corp UPD17708 Datasheet HTML 158Page - Renesas Technology Corp UPD17708 Datasheet HTML 159Page - Renesas Technology Corp UPD17708 Datasheet HTML 160Page - Renesas Technology Corp UPD17708 Datasheet HTML 161Page - Renesas Technology Corp UPD17708 Datasheet HTML 162Page - Renesas Technology Corp UPD17708 Datasheet HTML 163Page - Renesas Technology Corp UPD17708 Datasheet HTML 164Page - Renesas Technology Corp UPD17708 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 358 page
background image
159
µPD17704, 17705, 17707, 17708, 17709
Example Example of compensating timer at CE reset (to detect power failure and update watch timer
using BTM0CY flag)
START:
; Program address 0000H
Processing A
; <1>
SKT1
BTM0CY
; Embedded macro
; Tests BTM0CY flag
BR
INITIAL
; if “0”, branches to INITIAL (power failure detection)
BACKUP:
; <2>
100-ms watch updating
; Compensates watch timer because of backup (CE reset)
; Initial value “1” is stored as CE reset timer carry
; counter value
LOOP:
; <3>
Processing B
: While performing processing B,
SKF1
BTM0CY
; tests BTM0CY flag and updates watch timer
BR
BACKUP
BR
LOOP
INITIAL:
CLR2
BTM0CK1, BTM0CK0
; Embedded macro
; Because power failure (power-ON reset) occurs,
; sets setting time of BTM0CY flag to 100 ms, and
; executes processing C
Processing C
BR
LOOP
Figure 13-9 shows the timing chart of the above program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com