Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 153Page - Renesas Technology Corp UPD17708 Datasheet HTML 154Page - Renesas Technology Corp UPD17708 Datasheet HTML 155Page - Renesas Technology Corp UPD17708 Datasheet HTML 156Page - Renesas Technology Corp UPD17708 Datasheet HTML 157Page - Renesas Technology Corp UPD17708 Datasheet HTML 158Page - Renesas Technology Corp UPD17708 Datasheet HTML 159Page - Renesas Technology Corp UPD17708 Datasheet HTML 160Page - Renesas Technology Corp UPD17708 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 358 page
background image
155
µPD17704, 17705, 17707, 17708, 17709
(2) Error when time interval to set BTM0CY flag is changed
The BTM0CK1 and BTM0CK0 flags set the time of the BTM0CY flag.
As described in 13.2.2, four types of timer time-setting pulses can be selected: 10 Hz, 20 Hz, 50 Hz, and
100 Hz.
At this time, these four pulses operate independently. If the timer time-setting pulse is changed by using
the BTM0CK1 and BTM0CK0 flags, an error occurs as described in the example below.
Example
; <1>
INTIFLG NOT BTM0CK1, NOT BTM0CK0 ; Sets BTM0CY flag setting pulse to 10 Hz
(100 ms)
Processing A
; <2>
INITFLG BTM0CK1, NOT BTM0CK0
; Sets BTM0CY flag setting pulse to 50 Hz
(20 ms)
Processing A
; <3>
INITFLG NOT BTM0CK1, NOT BTM0CK0 ; Sets BTM0CY flag setting pulse to 10 Hz
(100 ms)
At this time, the BTM0CY flag setting pulse is changed as shown in Figure 13-6.
Figure 13-6. Changing BTM0CY Flag Setting Pulse
As shown in Figure 13-6, if the BTM0CY flag setting time is changed and the new pulse falls, the BTM0CY
flag retains the previous status (<2> in the figure). If the new pulse rises, however, the BTM0CY flag
is set to “1” (<3> in the figure).
Although changing the pulse setting between 10 Hz (100 ms) and 50 Hz (20 ms) is described in this
example, the same applies to changing the pulse in respect to 20 Hz (50 ms) and 100 Hz (10 ms).
H
L
Internal pulse
10 HZ
Internal pulse
50 HZ
H
L
BTM0CY flag
1
0
BTM0CY flag
setting pulse
H
L
SKT1 BTM0CY
<2>
<3>
<1>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com