Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 151Page - Renesas Technology Corp UPD17708 Datasheet HTML 152Page - Renesas Technology Corp UPD17708 Datasheet HTML 153Page - Renesas Technology Corp UPD17708 Datasheet HTML 154Page - Renesas Technology Corp UPD17708 Datasheet HTML 155Page - Renesas Technology Corp UPD17708 Datasheet HTML 156Page - Renesas Technology Corp UPD17708 Datasheet HTML 157Page - Renesas Technology Corp UPD17708 Datasheet HTML 158Page - Renesas Technology Corp UPD17708 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 358 page
background image
153
µPD17704, 17705, 17707, 17708, 17709
13.2.4 Example of using basic timer 0
An example of a program using basic timer 0 is shown below.
This program executes processing A every 1 second.
Example
CLR2
BTM0CK1, BTM0CK0
; Sets BTM0CY flag setting pulse to 10 Hz (100 ms)
MOV
M1, #0
LOOP:
SKT1
BTM0CY
; Branches to NEXT if BTM0CY flag is “0”
BR
NEXT
ADD
M1, #1
; Adds 1 to M1
SKE
M1, #0AH
; Executes processing A if M1 is “10” (1 second has elapsed)
BR
NEXT
MOV
M1, #0
Processing A
NEXT:
Processing B
; Executes processing B and branches to LOOP
BR
LOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com