Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 149Page - Renesas Technology Corp UPD17708 Datasheet HTML 150Page - Renesas Technology Corp UPD17708 Datasheet HTML 151Page - Renesas Technology Corp UPD17708 Datasheet HTML 152Page - Renesas Technology Corp UPD17708 Datasheet HTML 153Page - Renesas Technology Corp UPD17708 Datasheet HTML 154Page - Renesas Technology Corp UPD17708 Datasheet HTML 155Page - Renesas Technology Corp UPD17708 Datasheet HTML 156Page - Renesas Technology Corp UPD17708 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 358 page
background image
151
µPD17704, 17705, 17707, 17708, 17709
13.2.2 Clock selection block
The clock selection block divides the system clock (4.5 MHz) and sets the time interval at which the BTM0CY
flag is to be set, by using the BTM0CK0 and BTM0CK1 flags.
Figure 13-3 shows the configuration of the basic timer 0 clock selection register.
Figure 13-3. Configuration of Basic Timer 0 Clock Selection Register
Name
Flag symbol
b3
0
b2
0
b1
B
T
M
0
C
K
1
b0
B
T
M
0
C
K
0
Address
18H
Read/Write
R/W
Basic timer 0 clock selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
1
0
0
10 Hz (100 ms)
20 Hz (50 ms)
50 Hz (20 ms)
100 Hz (10 ms)
Fixed to “0”
Sets time interval at which BTM0CY flag is set
00
0
0
1
1
0
0
Retained
Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com