Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 148Page - Renesas Technology Corp UPD17708 Datasheet HTML 149Page - Renesas Technology Corp UPD17708 Datasheet HTML 150Page - Renesas Technology Corp UPD17708 Datasheet HTML 151Page - Renesas Technology Corp UPD17708 Datasheet HTML 152Page - Renesas Technology Corp UPD17708 Datasheet HTML 153Page - Renesas Technology Corp UPD17708 Datasheet HTML 154Page - Renesas Technology Corp UPD17708 Datasheet HTML 155Page - Renesas Technology Corp UPD17708 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
150
13.2 Basic Timer 0
13.2.1 Outline of basic timer 0
Figure 13-2 outlines basic timer 0.
Basic timer 0 is used as a timer by detecting in software the BTM0CY flag that is set at fixed intervals (100,
50, 20, or 10 ms).
If the BTM0CY flag is read first after power-ON reset, “0” is always read. After that, the flag is set to “1” at
fixed intervals.
If the CE pin goes high, CE reset is effected in synchronization with the timing at which the BTM0CY flag is
set next.
Therefore, a power failure can be detected by reading the content of the BTM0CY flag at system reset (power-
ON reset or CE reset).
For the details of power failure detection, refer to 21. RESET.
Figure 13-2. Outline of Basic Timer 0
Remarks 1. BTM0CK1 and BTM0CK0 (bits 1 and 0 of basic timer 0 clock selection register: refer to Figure
13-3) set the time intervals at which the BTM0CY flag is set.
2. BTM0CY (bit 0 of basic timer 0 carry register: refer to Figure 13-4) detects the status of the
flip-flop.
Divider
Clock selection block
4.5 MHz
BTM0CY flag
Selector
BTM0CK0 flag
BTM0CK1 flag
Flip-flop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com