Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 152Page - Renesas Technology Corp UPD17708 Datasheet HTML 153Page - Renesas Technology Corp UPD17708 Datasheet HTML 154Page - Renesas Technology Corp UPD17708 Datasheet HTML 155Page - Renesas Technology Corp UPD17708 Datasheet HTML 156Page - Renesas Technology Corp UPD17708 Datasheet HTML 157Page - Renesas Technology Corp UPD17708 Datasheet HTML 158Page - Renesas Technology Corp UPD17708 Datasheet HTML 159Page - Renesas Technology Corp UPD17708 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
154
13.2.5 Errors of basic timer 0
Errors of basic timer 0 include an error due to the detection time of the BTM0CY flag, and an error that occurs
when the time interval at which the BTM0CY flag is to be set is changed.
The following paragraphs (1) and (2) describe each error.
(1) Error due to detection time of BTM0CY flag
The time to detect the BTM0CY flag must be shorter than the time at which the BTM0CY flag is set (refer
to 13.2.6 Notes on using basic timer 0).
Where the time interval at which the BTM0CY flag is detected is tCHECK and the time interval at which the
flag is set is tSET (100, 50, 20, or 10 ms), tCHECK and tSET must relate as follows.
tCHECK < tSET
At this time, the error of the timer when the BTM0CY flag is detected is as follows, as shown in Figure
13-5.
0 < Error < tSET
Figure 13-5. Error of Basic Timer 0 due to Detection Time of BTM0CY Flag
As shown in Figure 13-5, the timer is updated because BTM0CY flag is “1” when it is detected in step
<2>.
When the flag is detected next in step <3>, it is “0”. Therefore, the timer is not updated until the flag is
detected again in <4>.
This means that the timer is extended by the time of tCHECK3.
H
L
BTM0CY flag
setting pulse
tSET
tCHECK1
SKT1
BTM0CY
<1>
SKT1
BTM0CY
<2>
SKT1
BTM0CY
<3>
SKT1
BTM0CY
<4>
tCHECK2
tCHECK3
1
0
BTM0CY flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com