Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 159Page - Renesas Technology Corp UPD17708 Datasheet HTML 160Page - Renesas Technology Corp UPD17708 Datasheet HTML 161Page - Renesas Technology Corp UPD17708 Datasheet HTML 162Page - Renesas Technology Corp UPD17708 Datasheet HTML 163Page - Renesas Technology Corp UPD17708 Datasheet HTML 164Page - Renesas Technology Corp UPD17708 Datasheet HTML 165Page - Renesas Technology Corp UPD17708 Datasheet HTML 166Page - Renesas Technology Corp UPD17708 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 358 page
background image
161
µPD17704, 17705, 17707, 17708, 17709
(4) If BTM0CY flag is detected at the same time as CE reset
As described in (3) above, CE reset is effected as soon as the BTM0CY flag is set to 1.
If the instruction that reads the BTM0CY flag happens to be executed at the same time as CE reset at
this time, the BTM0CY flag reading instruction takes precedence.
Therefore, if the next setting the BTM0CY flag (rising of BTM0CY flag setting pulse) after the CE pin has
gone high coincides with execution of the BTM0CY flag reading instruction, CE reset is effected at “the
next timing at which the BTM0CY flag is set”.
This operation is illustrated in Figure 13-10.
Figure 13-10. Operation When CE Reset Coincides with BTM0CY Flag Reading Instruction
Consequently, if the BTM0CY flag detection time interval coincides with the BTM0CY flag setting time
in a program that cyclically detects the BTM0CY flag, CE reset is never effected.
Therefore, the following point must be noted.
Because one instruction cycle is 1.78
µs (1/562.5 kHz), a program that detects the BTM0CY flag once,
say, every 1125 instructions, reads the BTM0CY flag every 1.78
µs × 1125 = 2 ms.
Because the timer time setting pulse is 100 ms at this time, if setting and detection of the BTM0CY flag
coincide once, CE reset is never effected.
H
BTM0CY flag
setting pulse
BTM0CY flag
CE pin
L
H
L
1.78 s
SKT1 BTM0CY
(PEEK ···)
SKT1
BTM0CY
CE reset
(SKT ···)
1
0
H
BTM0CY flag
setting pulse
BTM0CY flag
Instruction
Embedded macro
PEEK WR, . MF. BTM0CY SHR 4
SKT
WR, #. DF. BTM0CY AND 000FH
L
1
0
If BTM0CY flag is read at this time, CE reset is
effected delayed once.
Originally, program is started from address 0000H here.
However, CE reset is not effected because it happens to
coincide with program that reads BTM0CY flag.
SKT1
BTM0CY
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com