Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 258Page - Renesas Technology Corp UPD17708 Datasheet HTML 259Page - Renesas Technology Corp UPD17708 Datasheet HTML 260Page - Renesas Technology Corp UPD17708 Datasheet HTML 261Page - Renesas Technology Corp UPD17708 Datasheet HTML 262Page - Renesas Technology Corp UPD17708 Datasheet HTML 263Page - Renesas Technology Corp UPD17708 Datasheet HTML 264Page - Renesas Technology Corp UPD17708 Datasheet HTML 265Page - Renesas Technology Corp UPD17708 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 358 page
background image
260
µPD17704, 17705, 17707, 17708, 17709
17.3 Reference Frequency Generator
Figure 17-5 shows the configuration of the reference frequency generator.
The reference frequency generator generates the reference frequency “fr” of the PLL frequency synthesizer by
dividing the 4.5 MHz output of a crystal oscillator.
Thirteen frequencies can be selected as reference frequency fr: 1, 1.25, 2.5, 3, 5, 6.25, 9, 10, 12.5, 18, 20, 25,
and 50 kHz.
The reference frequency fr is selected by the PLL reference frequency selection register.
Figure 17-6 shows the configuration and function of the PLL reference frequency selection registerion.
Figure 17-5. Configuration of Reference Frequency Generator
PLLRFCK3 flag
PLLRFCK2 flag
PLLRFCK1 flag
PLLRFCK0 flag
MUX
1 kHz
1.25 kHz
2.5 kHz
25 kHz
50 kHz
OFF
PLL disable signal
To -DET
Divider
4.5 MHz
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com