Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 260Page - Renesas Technology Corp UPD17708 Datasheet HTML 261Page - Renesas Technology Corp UPD17708 Datasheet HTML 262Page - Renesas Technology Corp UPD17708 Datasheet HTML 263Page - Renesas Technology Corp UPD17708 Datasheet HTML 264Page - Renesas Technology Corp UPD17708 Datasheet HTML 265Page - Renesas Technology Corp UPD17708 Datasheet HTML 266Page - Renesas Technology Corp UPD17708 Datasheet HTML 267Page - Renesas Technology Corp UPD17708 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 358 page
background image
262
µPD17704, 17705, 17707, 17708, 17709
17.4 Phase Comparator (
φ-DET), Charge Pump, and Unlock FF
17.4.1 Configuration of phase comparator, charge pump, and unlock FF
Figure 17-7 shows the configuration of the phase comparator, charge pump, and unlock FF.
The phase comparator compares the phase of the divided frequency “fN” output by the programmable divider with
the phase of the reference frequency “fr” output by the reference frequency generator, and outputs an up (UP) or down
(DW) request signal.
The charge pump outputs the output of the phase comparator from an error out pin (EO1 and EO0 pins).
The unlock FF detects the unlock status of the PLL frequency synthesizer.
17.4.2 through 17.4.4 describe the operations of the phase comparator, charge pump, and unlock FF.
Figure 17-7. Configuration of Phase Comparator, Charge Pump, and Unlock FF
Unlock FF
PLLUL flag
UP
fr
fN
Charge pump
EO1
EO0
Reference frequency
generator
Programmable
divider
DW
PLL disable signal
Phase comparator
( - DET)
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com