Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 259Page - Renesas Technology Corp UPD17708 Datasheet HTML 260Page - Renesas Technology Corp UPD17708 Datasheet HTML 261Page - Renesas Technology Corp UPD17708 Datasheet HTML 262Page - Renesas Technology Corp UPD17708 Datasheet HTML 263Page - Renesas Technology Corp UPD17708 Datasheet HTML 264Page - Renesas Technology Corp UPD17708 Datasheet HTML 265Page - Renesas Technology Corp UPD17708 Datasheet HTML 266Page - Renesas Technology Corp UPD17708 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 358 page
background image
261
µPD17704, 17705, 17707, 17708, 17709
Figure 17-6. Configuration of PLL Reference Frequency Selection Register
Remark
When the PLL frequency synthesizer is disabled by the PLL reference frequency selection register, the
VCOH and VCOL pins are internally pulled down. The EO1 and EO0 pins are floated.
Name
Flag symbol
b3
P
L
L
R
F
C
K
3
b2
P
L
L
R
F
C
K
2
b1
P
L
L
R
F
C
K
1
b0
P
L
L
R
F
C
K
0
Address
11H
Read/Write
R/W
PLL reference
frequency selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1.25 kHz
2.5 kHz
5 kHz
10 kHz
6.25 kHz
12.5 kHz
25 kHz
50 kHz
3 kHz
9 kHz
18 kHz
Setting prohibited
1 kHz
20 kHz
Setting prohibited
PLL disable
Sets reference frequency fr of PLL frequency synthesizer
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com