Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 30Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 31Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 32Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 33Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 34Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 35Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 36Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 37Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
MB90330A Series
34
DS07-13734-7E
2.
USB HOST
USB HOST provides the minimal host operations required and is a function that enables data to be transferred
to and from a device without PC intervention.
• Feature of USB HOST
• Automatic detection of Low Speed/Full Speed transfer
• Low Speed/Full Speed transfer support
• Automatic detection of connection and cutting device
• Reset sending function support to USB-bus
• Support of IN/OUT/SETUP/SOF token
• In-token handshake packet automatic transmission (excluding STALL)
• Out-token handshake packet automatic detection
• Supports a maximum packet length of 256 bytes.
• Error (CRC error/toggle error/time-out) various supports
• Wake-Up function support
• Restrictions of USB HOST
* : It corresponds to Full Speed only, and the HUB supports up to one step.
: Supported
× : Not supported
USB HOST
HUB support
*
Transfer
Bulk transfer
Control transfer
Interrupt transfer
Isochronous transfer
×
Transfer speed
Low Speed
Full Speed
PRE packet support
×
SOF packet support
Error
CRC error
Toggle error
Time-out
Maximum packet < receive data
Detection of connection and cutting of device
Transfer speed detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com