Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 12Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 13Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 14Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 15Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 16Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 17Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 18Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 19Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
MB90330A Series
16
DS07-13734-7E
6.
About Crystal oscillator circuit
Noise near the X0/X1 pins and X0A/X1A pins may cause the device to malfunction. Design the printed circuit
board so that X0/X1 pins and X0A/X1A pins, the crystal oscillator (or the ceramic oscillator) and the bypass
capacitor to ground are located as close to the device as possible.
It is strongly recommended to design the PC board artwork with the X0/X1 pins and X0A/X1A pins surrounded
by ground plane because stable operation can be expected with such a layout.
Please ask the crystal maker to evaluate the oscillational characteristics of the crystal and this device.
7.
Caution on Operations during PLL Clock Mode
On this microcontroller, if in case the crystal oscillator breaks off or an external reference clock input stops while
the PLL clock mode is selected, a self-oscillator circuit contained in the PLL may continue its operation at its
self-running frequency. However, Fujitsu will not guarantee results of operations if such failure occurs.
8.
Stabilization of supply voltage
A sudden change in the supply voltage may cause the device to malfunction even within the VCC supply voltage
operating range. For stabilization reference, the supply voltage should be stabilized so that VCC ripple variations
(peak-to-peak value) at commercial frequencies (50 Hz/60 Hz) fall below 10
% of the standard VCC supply voltage
and the transient regulation does not exceed 0.1 V/ms at temporary changes such as power supply switching.
9.
When the dual-supply is used as a single-supply device
If you are using only a single-system of the MB90330A series that come in the dual-system product, use it with
X0A
= VSS : X1A = OPEN.
10. Writing to flash memory
For serial writing to flash memory, always make sure that the operating voltage VCC is between 3.13 V and 3.6 V.
For normal writing to flash memory, always make sure that the operating voltage VCC is between 3.0 V and 3.6 V.
11. Serial communication
There is a possibility to receive wrong data due to noise or other causes on the serial communication. Therefore,
design a printed circuit board so as to avoid noise.
Consider receiving of wrong data when designing the system. For example, apply a checksum to detect an error.
If an error is detected, retransmit the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com