Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 7Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 8Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 9Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 10Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 11Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 12Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 13Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 14Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
MB90330A Series
DS07-13734-7E
11
(Continued)
* : For circuit information, refer to “
■ I/O CIRCUIT TYPE”.
Pin no.
Pin name
I/O
Circuit
type*
Function
56 to 59
PA0 to PA3
C
General purpose input/output port. (Withstand voltage of 5 V)
IN0 to IN3
Function as the input capture ch.0 to ch.3 trigger inputs.
60 to 63
PA4 to PA7
C
General purpose input/output port. (Withstand voltage of 5 V)
OUT0 to OUT3
Function as the output compare ch.0 to ch.3 event output pins.
64
PB0
C
General purpose input/output port. (Withstand voltage of 5 V)
SCL1
Function as the ch.1 clock I/O pin for the I2C interface. Set port output to
High-Z during I2C interface operations.
65
PB1
C
General purpose input/output port. (Withstand voltage of 5 V)
SDA1
Function as the ch.1 data I/O pin for the I2C interface. Set port output to
High-Z during I2C interface operations.
66
PB2
C
General purpose input/output port. (Withstand voltage of 5 V)
SCL2
Function as the ch.2 clock I/O pin for the I2C interface. Set port output to
High-Z during I2C interface operations.
67
PB3
C
General purpose input/output port. (Withstand voltage of 5 V)
SDA2
Function as the ch.2 data I/O pin for the I2C interface. Set port output to
High-Z during I2C interface operations.
68
PB4
C
General purpose input/output port. (Withstand voltage of 5 V)
69, 70
PB5, PB6
D
General purpose input/output port.
PPG4, PPG5
Function as ch.4 and ch.5 output pins for the 8-bit PPG timer.
71
UTEST
C
USB test pin. Connect this to a pull-down resistor during normal usage.
73
DVM
K
USB function D
− pin.
74
DVP
K
USB function D
+ pin.
77
HVM
K
USB HOST D
− pin.
78
HVP
K
USB HOST D
+ pin.
80
HCON
E
External pull-up resistor connect pin.
36
AVcc
⎯
A/D converter power supply pin.
37
AVRH
J
A/D converter external reference power supply pin.
38
AVss
⎯
A/D converter power supply pin.
87 to 89
MD2 to MD0
B
Operation mode select input pin.
15, 75,
79, 105
Vcc
⎯
Power supply pin.
16, 47,
72, 76,
106
Vss
⎯
Power supply pin (GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com