Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 60 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 60 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 56Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 57Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 58Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 59Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 60Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 61Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 62Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 63Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 64Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
MB90330A Series
60
DS07-13734-7E
A/D Converter Glossary
(Continued)
Resolution :
Analog changes that are identifiable with the A/D converter.
Linearity error :
The deviation of the straight line connecting the zero transition point
(“00 0000 0000”
↔ “00 0000 0001”) with the full-scale transition point
(“11 1111 1110”
↔ “11 1111 1111”) from actual conversion characteristics.
Differential linearity error : The deviation of input voltage needed to change the output code by 1 LSB from the
theoretical value.
Total error :
The total error is defined as a difference between the actual value and the theoretical
value, which includes zero-transition error/full-scale transition error and linearity error.
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS
AVRH
VNT
0.5 LSB
0.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Actual conversion
value
(Measured value)
Actual conversion
value
Theoretical
characteristics
Analog input
Total error
Total error for digital output N
=
VNT
− {1 LSB × (N − 1) + 0.5 LSB}
1 LSB
[LSB]
1 LSB (Theoretical value)
= AVRH − AVss
1024
[V]
VOT (Theoretical value)
= AVss + 0.5 LSB [V]
VFST (Theoretical value)
= AVRH − 1.5 LSB [V]
VNT : Voltage at a transition of digital output from (N - 1) to N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com