Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 26Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 27Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 28Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 29Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 30Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 31Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 32Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 33Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
MB90330A Series
30
DS07-13734-7E
(Continued)
• Explanation on read/write
• Explanation on initial values
Note : No I/O instruction can be used for registers located between 007900H and 007FFFH.
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
007910H
IPCP0
Input Capture Data Register Lower ch.0
R
Input Capture
ch.0/ch.1
XXXXXXXXB
007911H
Input Capture Data Register Upper ch.0
R
XXXXXXXXB
007912H
IPCP1
Input Capture Data Register Lower ch.1
R
XXXXXXXXB
007913H
Input Capture Data Register Upper ch.1
R
XXXXXXXXB
007914H
IPCP2
Input Capture Data Register Lower ch.2
R
Input Capture
ch.2/ch.3
XXXXXXXXB
007915H
Input Capture Data Register Upper ch.2
R
XXXXXXXXB
007916H
IPCP3
Input Capture Data Register Lower ch.3
R
XXXXXXXXB
007917H
Input Capture Data Register Upper ch.3
R
XXXXXXXXB
007918H
OCCP0
Output Compare Register Lower ch.0
R/W
Output Compare
ch.0/ch.1
XXXXXXXXB
007919H
Output Compare Register Upper ch.0
R/W
XXXXXXXXB
00791AH
OCCP1
Output Compare Register Lower ch.1
R/W
XXXXXXXXB
00791BH
Output Compare Register Upper ch.1
R/W
XXXXXXXXB
00791CH
OCCP2
Output Compare Register Lower ch.2
R/W
Output Compare
ch.2/ch.3
XXXXXXXXB
00791DH
Output Compare Register Upper ch.2
R/W
XXXXXXXXB
00791EH
OCCP3
Output Compare Register Lower ch.3
R/W
XXXXXXXXB
00791FH
Output Compare Register Upper ch.3
R/W
XXXXXXXXB
007920H
DBAPL
DMA Buffer Address Pointer Lower 8-bit
R/W
μDMAC
XXXXXXXXB
007921H
DBAPM
DMA Buffer Address Pointer Middle 8-bit
R/W
XXXXXXXXB
007922H
DBAPH
DMA Buffer Address Pointer Upper 8-bit
R/W
XXXXXXXXB
007923H
DMACS
DMA Control Register
R/W
XXXXXXXXB
007924H
DIOAL
DMA I/O Register Address Pointer
Lower 8-bit
R/W
XXXXXXXXB
007925H
DIOAH
DMA I/O Register Address Pointer
Upper 8-bit
R/W
XXXXXXXXB
007926H
DDCTL
DMA Data Counter Lower 8-bit
R/W
XXXXXXXXB
007927H
DDCTH
DMA Data Counter Upper 8-bit
R/W
XXXXXXXXB
007928H
to
007FFFH
Prohibited
R/W : Readable / Writable
R
: Read only
W
: Write only
0
: Initial value is “0”.
1
: Initial value is “1”.
X
: Initial value is undefined.
-
: Initial value is undefined (None) .
∗
: Initial value of this bit is “1” or “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com