Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 41 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 41 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 37Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 38Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 39Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 40Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 41Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 42Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 43Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 44Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 45Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
MB90330A Series
DS07-13734-7E
41
(Continued)
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = − 40 °C to + 85 °C)
Note : P60 to P67, P96, PA0 to PA7, and PB0 to PB4 are N-ch open-drain pins usually used as CMOS.
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power
supply
current
ICCLS
VCC
VCC
= 3.3 V,
Internal frequency 8 kHz,
At sub clock,
At sleep operating,
(TA
= + 25 °C)
⎯
10
50
μA
ICCT
VCC
= 3.3 V,
Internal frequency 8 kHz,
Watch mode,
(TA
= + 25 °C)
⎯
1.5
40
μA
ICCH
TA
= + 25 °C,
At stop
⎯
140
μA
Input
capacitance
CIN
Other than AVcc,
AVss, Vcc, Vss
⎯⎯
515
pF
Pull-up
resistor
Rup
RST
⎯
25
50
100
k
Ω
USB I/O
output
impedance
ZUSB
DVP, DVM
HVP, HVM
⎯
3
⎯
14
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com