Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 59 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 59 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 55Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 56Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 57Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 58Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 59Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 60Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 61Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 62Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 63Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
MB90330A Series
DS07-13734-7E
59
Notes :
• About the external impedance of the analog input and its sampling time
• A/D converter with sample and hold circuit. If the external impedance is too high to keep sufficient sampling
time, the analog voltage charged to the internal sample and hold capacitor is insufficient, adversely affecting
A/D conversion precision.
• To satisfy the A/D conversion precision standard, consider the relationship between the external impedance
and minimum sampling time and either adjust the resistor value and operating frequency or decrease the
external impedance so that the sampling time is longer than the minimum value.
• If the sampling time cannot be sufficient, connect a capacitor of about 0.1 μF to the analog input pin.
• About errors
As
|AVRH| becomes smaller, values of relative errors grow larger.
R
C
Analog input
Comparator
• Analog input circuit model
During sampling : ON
Note : The values are reference values.
MB90333A
MB90F334A
MB90F335A
MB90V330A
R
1.9 k
Ω (Max)
1.9 k
Ω (Max)
1.9 k
Ω (Max)
1.9 k
Ω (Max)
C
32.3 pF (Max)
25.0 pF (Max)
25.0 pF (Max)
32.3 pF (Max)
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
MB90333A/
MB90V330A
MB90F334A
MB90F335A
20
18
16
14
12
10
8
6
4
2
0
012
3
456
8
7
MB90333A/
MB90V330A
MB90F334A
MB90F335A
(External impedance
= 0 kΩ to 100 kΩ)
Minimum sampling time [
μs]
(External impedance
= 0 kΩ to 20 kΩ)
Minimum sampling time [
μs]
• The relationship between the external impedance and minimum sampling time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com