Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 46 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 46 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 42Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 43Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 44Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 45Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 46Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 47Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 48Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 49Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 50Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
MB90330A Series
46
DS07-13734-7E
(3) Reset
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = − 40 °C to + 85 °C)
* : Oscillation time of oscillator is the time that the amplitude reaches 90%. It takes several milliseconds to several
dozens of milliseconds on a crystal oscillator, several hundreds of microseconds to several milliseconds on a
ceramic oscillator, and 0 milliseconds on an external clock.
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RST
⎯
500
⎯
ns
At normal operating,
At time base timer mode,
At main sleep mode,
At PLL sleep mode
Oscillation time
of oscillator*
+
500 ns
⎯μs
At stop mode,
At sub clock mode,
At sub sleep mode,
At watch mode
RST
RST
X0
500 ns
tRSTL
0.2 Vcc
0.2 Vcc
tRSTL
0.2 Vcc
0.2 Vcc
• During stop mode, sub clock mode, sub-sleep mode and watch mode
Internal
operation
clock
Internal reset
Oscillation time
of oscillator
Oscillation stabilization wait time
Execute
instruction
90
% of
amplitude
• During normal operation, time-base timer mode, main sleep mode and PLL sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com