Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 21Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 22Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 23Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 24Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 25Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 26Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 27Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 28Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
MB90330A Series
DS07-13734-7E
25
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
000066H
TMCSR1
Timer Control Status Register 1
R/W
16-bit Reload
Timer ch.1
0 0 0 0 0 0 0 0B
000067H
XXXX 0 0 0 0B
000068H
TMR1
16-bit Timer Register 1 Lower
R
XXXXXXXXB
TMRLR1
16-bit Reload Register 1 Lower
W
XXXXXXXXB
000069H
TMR1
16-bit Timer Register 1 Upper
R
XXXXXXXXB
TMRLR1
16-bit Reload Register 1 Upper
W
XXXXXXXXB
00006AH
TMCSR2
Timer Control Status Register 2
R/W
16-bit Reload
Timer ch.2
0 0 0 0 0 0 0 0B
00006BH
XXXX 0 0 0 0B
00006CH
TMR2
16-bit Timer Register 2 Lower
R
XXXXXXXXB
TMRLR2
16-bit Reload Register 2 Lower
W
XXXXXXXXB
00006DH
TMR2
16-bit Timer Register 2 Upper
R
XXXXXXXXB
TMRLR2
16-bit Reload Register 2 Upper
W
XXXXXXXXB
00006EH
Prohibited
00006FH
ROMM
ROM Mirror Function Selection
Register
W
ROM Mirror
Function
Selection Module
- - - - - - 1 1B
000070H
IBSR0
I2C Bus Status Register 0
R
I2C Bus Interface
ch.0
0 0 0 0 0 0 0 0B
000071H
IBCR0
I2C Bus Control Register 0
R/W
0 0 0 0 0 0 0 0B
000072H
ICCR0
I2C Bus Clock Control Register 0
R/W
XX 0 XXXXXB
000073H
IADR0
I2C Bus Address Register 0
R/W
XXXXXXXXB
000074H
IDAR0
I2C Bus Data Register 0
R/W
XXXXXXXXB
000075H
Prohibited
000076H
IBSR1
I2C Bus Status Register 1
R
I2C Bus Interface
ch.1
0 0 0 0 0 0 0 0B
000077H
IBCR1
I2C Bus Control Register 1
R/W
0 0 0 0 0 0 0 0B
000078H
ICCR1
I2C Bus Clock Control Register 1
R/W
XX 0 XXXXXB
000079H
IADR1
I2C Bus Address Register 1
R/W
XXXXXXXXB
00007AH
IDAR1
I2C Bus Data Register 1
R/W
XXXXXXXXB
00007BH
Prohibited
00007CH
IBSR2
I2C Bus Status Register 2
R
I2C Bus Interface
ch.2
0 0 0 0 0 0 0 0B
00007DH
IBCR2
I2C Bus Control Register 2
R/W
0 0 0 0 0 0 0 0B
00007EH
ICCR2
I2C Bus Clock Control Register 2
R/W
XX 0 XXXXXB
00007FH
IADR2
I2C Bus Address Register 2
R/W
XXXXXXXXB
000080H
IDAR2
I2C Bus Data Register 2
R/W
XXXXXXXXB
000081H
to
000085H
Prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com