Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 35Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 36Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 37Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 38Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 39Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 40Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 41Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 42Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
MB90330A Series
DS07-13734-7E
39
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
* : Applicable to pins : P60 to P67, P96, PA0 to PA7, PB0 to PB4, UTEST
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
3.0
3.6
V
At normal operation (when using USB)
2.7
3.6
V
At normal operation (when not using USB)
1.8
3.6
V
Hold state of stop operation
Input “H” voltage
VIH
0.7 VCC
VCC
+ 0.3
V
CMOS input pin
VIHS1
0.8 VCC
VCC
+ 0.3
V
CMOS hysteresis input pin
VIHS2
0.8 VCC
VSS
+ 5.3
V
N-ch open-drain
(Withstand voltage of 5 V I/O)*
VIHM
VCC
− 0.3
VCC
+ 0.3
V
MD pin input
VIHUSB
2.0
VCC
+ 0.3
V
USB pin input
Input “L” voltage
VIL
VSS
− 0.3
0.3 VCC
V
CMOS input pin
VILS
VSS
− 0.3
0.2 VCC
V
CMOS hysteresis input pin
VILM
VSS
− 0.3
VSS
+ 0.3
V
MD pin input
VILUSB
VSS
0.8
V
USB pin input
Differential input
sensitivity
VDI
0.2
⎯
V
USB pin input
Differential common
mode input voltage
range
VCM
0.8
2.5
V
USB pin input
Operating
temperature
TA
− 40
+ 85
°C
When not using USB
0
+ 70
°C
When using USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com