Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 33Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 34Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 35Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 36Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 37Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 38Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 39Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 40Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
MB90330A Series
DS07-13734-7E
37
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1 : The parameter is based on VSS
= AVSS = 0.0 V.
*2 : Be careful not to let AVCC exceed VCC, for example, when the power is turned on.
*3 : Be careful not to let AVRH exceed AVcc.
*4 : VI and VO must not exceed Vcc + 0.3 V. However, if the maximum current to/from an input is limited by some
means with external components, the ICLAMP rating supersedes the VI rating.
*5 : Applicable to pins : P60 to P67, P96, PA0 to PA7, PB0 to PB4, UTEST
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS
− 0.3
VSS
+ 4.0
V
AVCC
VSS
− 0.3
VSS
+ 4.0
V
VCC
≥ AVCC*2
AVRH
VSS
− 0.3
VSS
+ 4.0
V
AVCC
≥ AVR ≥ 0 V*3
Input voltage*1
VI
VSS
− 0.3
VSS
+ 4.0
V
*4
VSS
− 0.3
VSS
+ 6.0
V
N-ch open-drain
(Withstand voltage of
5 V I/O)*5
− 0.5
VSS
+ 4.5
V
USB I/O
Output voltage*1
VO
VSS
− 0.3
VSS
+ 4.0
V
*4
− 0.5
VSS
+ 4.5
V
USB I/O
Maximum clamp current
ICLAMP
− 2.0
+2.0
mA
*6
Total maximum clamp current
Σ⏐ICLAMP⏐⎯
20
mA
*6
“L” level maximum output current
IOL1
⎯
10
mA
Other than USB I/O*7
IOL2
⎯
43
mA
USB I/O*7
“L” level average output current
IOLAV1
⎯
4mA
*8
IOLAV2
⎯
15/4.5
mA
USB-IO (Full speed/
Low speed) *8
“L” level maximum total output current
ΣIOL
⎯
100
mA
“L” level average total output current
ΣIOLAV
⎯
50
mA
*9
“H” level maximum output current
IOH1
⎯− 10
mA
Other than USB I/O*7
IOH2
⎯− 43
mA
USB I/O*7
“H” level average output current
IOHAV1
⎯− 4mA
*8
IOHAV2
⎯−15/−4.5
mA
USB-IO (Full speed/
Low speed) *8
“H” level maximum total output current
ΣIOH
⎯− 100
mA
“H” level average total output current
ΣIOHAV
⎯− 50
mA
*9
Power consumption
Pd
⎯
340
mW
Operating temperature
TA
− 40
+ 85
°C
Storage temperature
Tstg
− 55
+ 150
°C
− 55
+ 125
°C
USB I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com