Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 19Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 20Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 21Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 22Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 23Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 24Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 25Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 26Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
MB90330A Series
DS07-13734-7E
23
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
000026H
SMR1
Serial Mode Register 1
R/W
UART1
0 0 1 0 0 0 0 0B
000027H
SCR1
Serial Control Register 1
R/W
0 0 0 0 0 1 0 0B
000028H
SIDR1
Serial Input Data Register 1
R
XXXXXXXXB
SODR1
Serial Output Data Register 1
W
000029H
SSR1
Serial Status Register 1
R/W
0 0 0 0 1 0 0 0B
00002AH
UTRLR1
UART Prescaler Reload Register 1
R/W
Communication
Prescaler (UART1)
0 0 0 0 0 0 0 0B
00002BH
UTCR1
UART Prescaler Control Register 1
R/W
0 0 0 0 - 0 0 0B
00002CH
SMR2
Serial Mode Register 2
R/W
UART2
0 0 1 0 0 0 0 0B
00002DH
SCR2
Serial Control Register 2
R/W
0 0 0 0 0 1 0 0B
00002EH
SIDR2
Serial Input Data Register 2
R
XXXXXXXXB
SODR2
Serial Output Data Register 2
W
00002FH
SSR2
Serial Status Register 2
R/W
0 0 0 0 1 0 0 0B
000030H
UTRLR2
UART Prescaler Reload Register 2
R/W
Communication
Prescaler (UART2)
0 0 0 0 0 0 0 0B
000031H
UTCR2
UART Prescaler Control Register 2
R/W
0 0 0 0 - 0 0 0B
000032H
SMR3
Serial Mode Register 3
R/W
UART3
0 0 1 0 0 0 0 0B
000033H
SCR3
Serial Control Register 3
R/W
0 0 0 0 0 1 0 0B
000034H
SIDR3
Serial Input Data Register 3
R
XXXXXXXXB
SODR3
Serial Output Data Register 3
W
000035H
SSR3
Serial Status Register 3
R/W
0 0 0 0 1 0 0 0B
000036H
UTRLR3
UART Prescaler Reload Register 3
R/W
Communication
Prescaler (UART3)
0 0 0 0 0 0 0 0B
000037H
UTCR3
UART Prescaler Control Register 3
R/W
0 0 0 0 - 0 0 0B
000038H
to
00003BH
Prohibited
00003CH
ENIR
DTP/Interrupt Enable Register
R/W
DTP/External
Interrupt
0 0 0 0 0 0 0 0B
00003DH
EIRR
DTP/Interrupt Source Register
R/W
0 0 0 0 0 0 0 0B
00003EH
ELVR
Request Level Setting Register Lower
R/W
0 0 0 0 0 0 0 0B
00003FH
Request Level Setting Register Upper
R/W
0 0 0 0 0 0 0 0B
000040H
ADCS0
A/D Control Status Register Lower
R/W
8/10-bit
A/D Converter
0 0 - - - - - 0B
000041H
ADCS1
A/D Control Status Register Upper
R/W
0 0 0 0 0 0 0 0B
000042H
ADCR0
A/D Data Register Lower
R/W
XXXXXXXXB
000043H
ADCR1
A/D Data Register Upper
R/W
0 0 1 0 1 XXXB
000044H
Prohibited
000045H
ADMR
A/D Conversion Channel Selection
Register
R/W
8/10-bit
A/D Converter
0 0 0 0 0 0 0 0B
000046H
PPGC0
PPG0 Operation Mode Control
Register
R/W
PPG ch.0
0X0 0 0XX1B
000047H
PPGC1
PPG1 Operation Mode Control
Register
R/W
PPG ch.1
0X0 0 0 0 0 1B
000048H
PPGC2
PPG2 Operation Mode Control
Register
R/W
PPG ch.2
0X0 0 0XX1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com