Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 27Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 28Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 29Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 30Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 31Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 32Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 33Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 34Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
MB90330A Series
DS07-13734-7E
31
■ INTERRUPT SOURCES, INTERRUPT VECTORS, AND INTERRUPT CONTROL REGISTERS
(Continued)
Interrupt source
EI2OS
support μ
DMAC
Interrupt vector
Interrupt control
register
Priority
Number*1
Address
ICR
Address
Reset
×
×
#08
08H
FFFFDCH
⎯⎯
High
INT 9 instruction
×
×
#09
09H
FFFFD8H
⎯⎯
Exceptional treatment
×
×
#10
0AH
FFFFD4H
⎯⎯
USB Function1
×
0, 1
#11
0BH
FFFFD0H
ICR00 0000B0H
USB Function2
×
2 to 6*2
#12
0CH FFFFCCH
USB Function3
×
×
#13
0DH
FFFFC8H
ICR01 0000B1H
USB Function4
×
×
#14
0EH
FFFFC4H
USB HOST1
×
×
#15
0FH
FFFFC0H
ICR02 0000B2H
USB HOST2
×
×
#16
10H
FFFFBCH
I2C ch.0
×
×
#17
11H
FFFFB8H
ICR03 0000B3H
DTP/External interrupt ch.0/ch.1
×
#18
12H
FFFFB4H
I2C ch.1
×
×
#19
13H
FFFFB0H
ICR04 0000B4H
DTP/External interrupt ch.2/ch.3
×
#20
14H
FFFFACH
I2C ch.2
×
×
#21
15H
FFFFA8H
ICR05 0000B5H
DTP/External interrupt ch.4/ch.5
×
#22
16H
FFFFA4H
PWC/Reload timer ch.0
14
#23
17H
FFFFA0H
ICR06 0000B6H
DTP/External interrupt ch.6/ch.7
×
#24
18H
FFFF9CH
Input capture ch.0/ch.1
7
#25
19H
FFFF98H
ICR07 0000B7H
Reload timer ch.1
×
#26
1AH
FFFF94H
Input capture ch.2/ch.3
8
#27
1BH
FFFF90H
ICR08 0000B8H
Reload timer ch.2
×
#28
1CH
FFFF8CH
Output compare ch.0/ch.1
×
#29
1DH
FFFF88H
ICR09 0000B9H
PPG ch.0/ch.1
×
×
#30
1EH
FFFF84H
Output compare ch.2/ch.3
×
#31
1FH
FFFF80H
ICR10 0000BAH
PPG ch.2/ch.3
×
×
#32
20H
FFFF7CH
UART (Send completed) ch.2/ch.3
11
#33
21H
FFFF78H
ICR11 0000BBH
PPG ch.4/ch.5
×
×
#34
22H
FFFF74H
UART (Reception completed) ch.2/ch.3
10
#35
23H
FFFF70H
ICR12 0000BCH
A/D converter/Free-run timer
15
#36
24H
FFFF6CH
UART (Send completed) ch.0/ch.1
13
#37
25H
FFFF68H
ICR13 0000BDH
Extended serial I/O
×
9
#38
26H
FFFF64H
UART (Reception completed) ch.0/ch.1
12
#39
27H
FFFF60H
ICR14 0000BEH
Time-base timer/Watch timer
×
×
#40
28H
FFFF5CH
Flash memory status
×
×
#41
29H
FFFF58H
ICR15 0000BFH
Delay interrupt output module
×
×
#42
2AH
FFFF54H
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com