Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 47 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 47 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 43Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 44Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 45Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 46Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 47Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 48Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 49Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 50Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
MB90330A Series
DS07-13734-7E
47
(4) Power-on reset
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = − 40 °C to +85 °C)
Notes :
• VCC must be lower than 0.2 V before the power supply is turned on.
• The above standard is a value for performing a power-on reset.
• In the device, there are internal registers which is initialized only by a power-on reset.
When the initialization of these items is expected, turn on the power supply according to the standards.
• Sudden change of power supply voltage may activate the power-on reset function.
When changing the power supply voltage during operation as illustrated below, voltage fluctuation should
be minimized so that the voltage rises as smoothly as possible. When raising the power, do not use PLL
clock. However, if voltage drop is 1 V/s or less, use of PLL clock is allowed during operation.
Parameter
Symbol Pin name Conditions
Value
Unit
Remarks
Min
Max
Power supply rising
time
tR
VCC
⎯
0.05
30
ms
Power supply shutdown
time
tOFF
VCC
1
⎯
ms
Waiting time until
power-on
VCC
tR
0.2 V
0.2 V
2.7 V
tOFF
0.2 V
VCC
3.0 V
VSS
RAM data hold
The rising edge should be 50 mV/ms
or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com