Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 66 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 66 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 62Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 63Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 64Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 65Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 66Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 67Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 68Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 69Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 70Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
MB90330A Series
66
DS07-13734-7E
■ PACKAGE DIMENSIONS
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/package/en-search/
(Continued)
120-pin plastic LQFP
Lead pitch
0.40 mm
Package width
×
package length
14.0 mm
× 14.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Code
(Reference)
P-LFQFP120-14
×14-0.40
120-pin plastic LQFP
(FPT-120P-M24)
(FPT-120P-M24)
C
2006 FUJITSU LIMITED F120036S-c-1-1
0.07(.003) M
INDEX
16.00±0.20(.630±.008)SQ
14.00±0.10(.551±.004)SQ
1
30
31
60
91
120
61
90
LEAD No.
(Stand off)
0.10±0.10
(.004±.004)
0.25(.010)
(.024±.006)
0.60±0.15
(.020±.008)
0.50±0.20
(Mounting height)
0~8
˚
Details of "A" part
1.50
+0.20
–0.10
+.008
–.004
.059
"A"
0.40(.016)
0.16±0.05
(.006±.002)
0.145±0.055
(.006±.002)
0.08(.003)
*
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
©2006-2008 FUJITSU MICROELECTRONICS LIMITED F120036S-c-1-2
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3)Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com