Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 67 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 67 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 63Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 64Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 65Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 66Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 67Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 68Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 69Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 70Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 71Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
MB90330A Series
DS07-13734-7E
67
(Continued)
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/package/en-search/
120-pin plastic LQFP
Lead pitch
0.50 mm
Package width
×
package length
16.0
× 16.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.88 g
Code
(Reference)
P-LFQFP120-16
×16-0.50
120-pin plastic LQFP
(FPT-120P-M21)
(FPT-120P-M21)
C
2002 FUJITSU LIMITED F120033S-c-4-4
1
30
60
31
90
61
120
91
SQ
18.00±0.20(.709±.008)SQ
0.50(.020)
0.22±0.05
(.009±.002)
M
0.08(.003)
INDEX
.006 –.001
+.002
–0.03
+0.05
0.145
"A"
0.08(.003)
LEAD No.
.059 –.004
+.008
–0.10
+0.20
1.50
Details of "A" part
(Mounting height)
0.60±0.15
(.024±.006)
0.25(.010)
(.004±.002)
0.10±0.05
(Stand off)
0~8˚
*
.630 –.004
+.016
–0.10
+0.40
16.00
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
©2002-2008 FUJITSU MICROELECTRONICS LIMITED F120033S-c-4-5
Note 1) * : These dimensions do not include resin protrusion.
Resin protrusion is +0.25(.010) MAX(each side).
Note 2) Pins width and pins thickness include plating thickness.
Note 3)Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com