Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F334APMC Datasheet(PDF) 55 Page - fujitsu semiconductor

Part # MB90F334APMC
Description  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 55 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 51Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 52Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 53Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 54Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 55Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 56Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 57Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 58Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 59Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
MB90330A Series
DS07-13734-7E
55
(11) Bus write timing
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = 0 °C to + 70 °C)
Note : tCP : Refer to “ (1) Clock input timing”.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Valid address
→WR↓
time
tAVWL
Address,
WR
⎯
tCP
− 15
⎯
ns
WR pulse width
tWLWH
WRL, WRH
⎯
3 tCP
/2 − 25
⎯
ns
At fcp
= 24 MHz
⎯
3 tCP
/2 − 20
⎯
ns
At fcp
= 12 MHz
Valid data output
→WR↑
time
tDVWH
Data, WR
⎯
3 tCP
/2 − 15
⎯
ns
WR
↑→data hold time
tWHDX
WR,
Data
⎯
10
⎯
ns
At fcp
= 24 MHz
⎯
20
⎯
ns
At fcp
= 12 MHz
⎯
30
⎯
ns
At fcp
= 6 MHz
WR
↑→address valid time
tWHAX
WR,
Address
⎯
tCP
/2 − 10
⎯
ns
WR
↑→ALE↑time
tWHLH
WR, ALE
⎯
tCP
/2 − 15
⎯
ns
WR
↓→CLK↑time
tWLCH
WR, CLK
⎯
tCP
/2 − 17
⎯
ns
WR
(WRL, WRH)
0.8 V
0.8 V
2.4 V
2.4 V
2.4 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
CLK
ALE
A23 to A16
AD15 to AD00
tWHLH
tAVWL
tDVWH
tDVWH
tWLWH
tWHAX
tWHDX
tWLCH
0.8 V
2.4 V
0.8 V
2.4 V
A23 to A00
D15 to D00
tWHAX
tWHDX
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
Address
Write data
Write data
In multiplex mode
In non-multiplex mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com