Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 114 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 110Page - STMicroelectronics RM0352 Datasheet HTML 111Page - STMicroelectronics RM0352 Datasheet HTML 112Page - STMicroelectronics RM0352 Datasheet HTML 113Page - STMicroelectronics RM0352 Datasheet HTML 114Page - STMicroelectronics RM0352 Datasheet HTML 115Page - STMicroelectronics RM0352 Datasheet HTML 116Page - STMicroelectronics RM0352 Datasheet HTML 117Page - STMicroelectronics RM0352 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 138 page
background image
SPI (serial peripheral interface)
RM0352
114/138
DocID024647 Rev 1
Provision of the individual outputs in addition to a combined interrupt output, enables the
use of either a global interrupt service routine, or modular device drivers to handle
interrupts.
The transmit and receive dynamic data flow interrupts
SSPTXINTR and SSPRXINTR have
been separated from the status interrupts, so that data can be read or written in response to
only the FIFO trigger levels.
The status of the individual interrupt sources can be read from the SSPRIS and SSPMIS
registers.
11.5.1
SSPRXINTR
The receive interrupt is asserted when there are four or more valid entries in the receive
FIFO.
11.5.2
SSPTXINTR
The transmit interrupt is asserted when there are four or fewer valid entries in the transmit
FIFO. The transmitter interrupt SSPTXINTR is not qualified with the PrimeCell SSP enable
signal, and this enables operation in either of the following ways:
•
Data can be written to the transmit FIFO prior to enabling the PrimeCell SSP and the
interrupts.
•
The PrimeCell SSP and interrupts can be enabled so that data can be written to the
transmit FIFO by an interrupt service routine.
11.5.3
SSPRORINTR
The receive overrun interrupt
SSPORINTR is asserted when the FIFO is already full and an
additional data frame is received, causing an overrun of the FIFO. Data is overwritten in the
receive shift register, but not the FIFO.
11.5.4
SSPRTINTR
The receive timeout interrupt is asserted when the receive FIFO is not empty and the
PrimeCell SSP has remained idle for a fixed 32-bit period. This mechanism ensures that the
user is aware that data is still present in the receive FIFO and requires servicing. This
interrupt is deasserted if the receive FIFO becomes empty by subsequent reads, or if new
data is received on
SSPRXD. It can also be cleared by writing to the RTIC bit in the SSPICR
register.
The interrupts are also combined into a single output SSPINTR, that is, an OR function of
the individual masked sources. This output is connected to the system interrupt controller
(NVIC) to provide another level of masking on an individual per peripheral basis.
The combined PrimeCell SSP interrupt is asserted if any of the four individual interrupts
above are asserted and enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com