Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 118 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 114Page - STMicroelectronics RM0352 Datasheet HTML 115Page - STMicroelectronics RM0352 Datasheet HTML 116Page - STMicroelectronics RM0352 Datasheet HTML 117Page - STMicroelectronics RM0352 Datasheet HTML 118Page - STMicroelectronics RM0352 Datasheet HTML 119Page - STMicroelectronics RM0352 Datasheet HTML 120Page - STMicroelectronics RM0352 Datasheet HTML 121Page - STMicroelectronics RM0352 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 138 page
background image
UART (universal asynchronous receive transmit)
RM0352
118/138
DocID024647 Rev 1
To update the transmit FIFO you must:
•
Write data to the transmit FIFO, either prior to enabling the UART and the interrupts, or
after enabling the UART and interrupts.
Note:
The transmit interrupt is based on a transition through a level, rather than on the level itself.
When the interrupt and the UART is enabled before any data is written to the transmit FIFO
the interrupt is not set. The interrupt is only set, after written data leaves the single location
of the transmit FIFO and it becomes empty.
12.4.4
UARTRTINTR
The receive timeout interrupt is asserted when the receive FIFO is not empty, and no more
data is received during a 32-bit period. The receive timeout interrupt is cleared either when
the FIFO becomes empty through reading all the data (or by reading the holding register), or
when a 1 is written to the corresponding bit of the interrupt clear register, UARTICR - see
Section 12.6.13 on page 133.
12.4.5
UARTEINTR
The error interrupt is asserted when an error occurs in the reception of data by the UART.
The interrupt can be caused by a number of different error conditions:
•
Framing
•
Parity
•
Break
•
Overrun
The cause of the interrupt is visible by reading the raw interrupt status register, UARTRIS -
see
Section 12.6.11 on page 131 or the masked interrupt status register, UARTMIS - see
Section 12.6.12 on page 132. It can be cleared by writing to the relevant bits of the interrupt
clear register, UARTICR - see
Section 12.6.13 on page 133 (bits 7 to 10 are the error clear
bits).
12.4.6
UARTINTR
The interrupts are also combined into a single output, that is an OR function of the individual
masked sources. This output is connected to the “Nested Vector Interrupt Controller” (NVIC)
to provide another level of masking on a individual peripheral basis (see
Table 3 on page 17.
The combined UART interrupt is asserted if any of the individual interrupts are asserted and
enabled.
12.5
UART registers
The UART base address block in the Brain memory map is 0xA200_0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com