Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 115 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 111Page - STMicroelectronics RM0352 Datasheet HTML 112Page - STMicroelectronics RM0352 Datasheet HTML 113Page - STMicroelectronics RM0352 Datasheet HTML 114Page - STMicroelectronics RM0352 Datasheet HTML 115Page - STMicroelectronics RM0352 Datasheet HTML 116Page - STMicroelectronics RM0352 Datasheet HTML 117Page - STMicroelectronics RM0352 Datasheet HTML 118Page - STMicroelectronics RM0352 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 138 page
background image
DocID024647 Rev 1
115/138
RM0352
UART (universal asynchronous receive transmit)
137
12
UART (universal asynchronous receive transmit)
The Brain device has one asynchronous serial ports (UART). The UART block is an IP
provided by ARM (PL011). Additional details about its functional blocks can be found in
“PrimeCell®UART(PL011) Technical Reference Manual”.
12.1
Features
The UART performs:
•
Serial-to-parallel conversion on data received from a peripheral device
•
Parallel-to-serial conversion on data transmitted to the peripheral device.
The CPU reads and writes data and control/status information through the AMBA APB
interface. The transmit and receive paths are buffered with internal FIFO memories enabling
up to 32-bytes to be stored independently in both transmit and receive modes.
The UART:
•
Includes a programmable baud rate generator that generates a common transmit and
receive internal clock from the UART internal reference clock input, UARTCLK
•
Offers similar functionality to the industry-standard 16C650 UART device
•
Supports the following maximum baud rates:
–
921600 bps, in UART mode
–
460800 bps, in IrDA
®
mode
–
115200 bps, in low-power IrDA mode.
The UART operation and baud rate values are controlled by the line control register,
UARTLCR_H - see
Section 12.6.7 on page 126 and the baud rate divisor registers (integer
baud rate register, UARTIBRD - see
Section 12.6.5 on page 124 and fractional baud rate
register, UARTFBRD - see
Section 12.6.6 on page 124).
The UART can generate:
•
Individually maskable interrupts from the receive (including timeout), transmit,
•
Modem status and error conditions
•
A single combined interrupt so that the output is asserted if any of the individual
interrupts are asserted, and unmasked.
If a framing, parity, or break error occurs during reception, the appropriate error bit is set,
and is stored in the FIFO. If an overrun condition occurs, the overrun register bit is set
immediately and FIFO data are prevented from being overwritten.
It is possible to program the FIFOs to be 1-byte deep providing a conventional double
buffered UART interface.
The modem status input signals “Clear To Send” (CTS), “Data Carrier Detect” (DCD), “Data
Set Ready” (DSR), and “Ring Indicator” (RI) are supported. The output modem control lines,
“Request To Send” (RTS), and “Data Terminal Ready” (DTR) are also supported.
There is a programmable hardware flow control feature that uses the nUARTCTS input and
the nUARTRTS output to automatically control the serial data flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com