Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 11Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 12Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 13Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 14Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 15Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 16Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 17Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 18Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
15 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
6.2.5 Sleep mode
In Sleep mode the transceiver has entered a low power mode. The only difference with
Standby mode is that pin INH1 is also set floating. Sleep mode is also entered if the UVVIO
or UVVBAT flag is set.
In case of an undervoltage on pin VCC or VBAT while VIO is present, the wake flag is set by
a positive edge on pin STBN.
The undervoltage flags will be reset by setting the wake flag, and therefore the transceiver
will enter the mode indicated on pins EN and STBN if VIO is present.
A detailed description of the wake-up mechanism is given in Section 6.5.
6.3 Operating modes in star configuration
In star configuration mode control via pins EN and STBN is not possible. The transceiver
autonomously controls the operating modes except in the case of wake-up.
The timing diagram of a transceiver configured in star configuration is illustrated in
Figure 7. The state diagram in star configuration is illustrated in Figure 6. A detailed
description of the pin signalling in star configuration is given in Table 9.
If VIO and (VBUF or VBAT) are within their operating ranges, pin ERRN indicates the status
of the error flag. Operating ranges are: VBAT = 6.5 V to 60 V, VCC = 4.75 V to 5.25 V,
VBUF = 4.75 V to 5.25 V and VIO = 2.2 V to 5.25 V.
[1]
Pin ERRN provides a serial interface for retrieving diagnostic information.
[2]
TRXD lines switched as output if TXEN activity is the initiator for Star-transmit mode.
[3]
TRXD lines are switched as input if TRXD activity is the initiator for Star-transmit mode.
[4]
Valid if VIO and (VBUF or VBAT) are present.
Pin BGE must be HIGH in order to enable the transmitter via pin TXEN. If pin BGE is
LOW, it is not possible to activate the transmitter via pin TXEN. If pin TXEN is not used (no
controller connected to the transceiver), it has to be connected to pin GND in order to
prevent TXEN activity detection.
In all normal modes pin RXD is connected to the output of the normal mode receiver and
therefore represents the data on the bus lines.
Table 9.
Pin signalling in star configuration
Mode
TRXD0 /
TRXD1
ERRN[1]
RXEN
RXD
Transmitter INH1
INH2
LOW
HIGH
LOW
HIGH
LOW
HIGH
Star-transmit
output[2]
input[3]
error flag
set
error flag
reset
bus
activity
bus idle
bus
DATA_0
bus
DATA_1
or idle
enabled
HIGH
HIGH
Star-receive
output
disabled
Star-idle
input
Star-locked
input
Star-standby
input
error flag
set[4]
error flag
reset
wake flag
set[4]
wake flag
reset
wake flag
set[4]
wake flag
reset
Star-sleep
input
float
float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com