| Electronic Components Datasheet Search |
|
TJA1080ATS/2/T Datasheet(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TJA1080ATS/2/T Datasheet(HTML) 27 Page - NXP Semiconductors |
|
27 / 49 page ![]() TJA1080A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 6 — 28 November 2012 27 of 49 NXP Semiconductors TJA1080A FlexRay transceiver 7. Limiting values [1] According to ISO7637, test pulse 1, class C; verified by an external test house. [2] According to ISO7637, test pulse 2a, class C; verified by an external test house. [3] According to ISO7637, test pulse 3a, class C; verified by an external test house. [4] According to ISO7637, test pulse 3b, class C; verified by an external test house. [5] In accordance with IEC 60747-1. An alternative definition of virtual junction temperature Tvj is: Tvj = Tamb + P Rth(j-a), where Rth(j-a) is a fixed value to be used for the calculation of Tvj. The rating for Tvj limits the allowable combinations of power dissipation (P) and ambient temperature (Tamb). Table 11. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are referenced to GND. Symbol Parameter Conditions Min Max Unit VBAT battery supply voltage no time limit 0.3 +60 V VCC supply voltage no time limit 0.3 +5.5 V VBUF supply voltage on pin VBUF no time limit 0.3 +5.5 V VIO supply voltage on pin VIO no time limit 0.3 +5.5 V VINH1 voltage on pin INH1 0.3 VBAT + 0.3 V IO(INH1) output current on pin INH1 no time limit 1- mA VINH2 voltage on pin INH2 0.3 VBAT + 0.3 V IO(INH2) output current on pin INH2 no time limit 1- mA VWAKE voltage on pin WAKE 0.3 VBAT + 0.3 V Io(WAKE) output current on pin WAKE pin GND not connected 15 - mA VBGE voltage on pin BGE no time limit 0.3 +5.5 V VTXEN voltage on pin TXEN no time limit 0.3 +5.5 V VTXD voltage on pin TXD no time limit 0.3 +5.5 V VERRN voltage on pin ERRN no time limit 0.3 VIO + 0.3 V VRXD voltage on pin RXD no time limit 0.3 VIO + 0.3 V VRXEN voltage on pin RXEN no time limit 0.3 VIO + 0.3 V VEN voltage on pin EN no time limit 0.3 +5.5 V VSTBN voltage on pin STBN no time limit 0.3 +5.5 V VTRXD0 voltage on pin TRXD0 no time limit 0.3 +5.5 V VTRXD1 voltage on pin TRXD1 no time limit 0.3 +5.5 V VBP voltage on pin BP no time limit 60 +60 V VBM voltage on pin BM no time limit 60 +60 V Vtrt transient voltage on pins BM and BP [1] 100 - V [2] -75 V [3] 150 - V [4] -100 V Tstg storage temperature 55 +150 C Tvj virtual junction temperature [5] 40 +150 C VESD electrostatic discharge voltage HBM on pins BP and BM to ground [6] 8.0 +8.0 kV HBM at any other pin [6] 4.0 +4.0 kV MM on all pins [7] 200 +200 V CDM on all pins [8] 1000 +1000 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |