Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 5 Page - NXP Semiconductors

  TJA1080ATS/2/T Datasheet HTML 1Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 2Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 3Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 4Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 5Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 6Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 7Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 8Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
5 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration
INH2
VBUF
INH1
VCC
EN
BP
VIO
BM
TXD
GND
TXEN
WAKE
RXD
VBAT
BGE
ERRN
STBN
RXEN
TRXD1
TRXD0
015aaa052
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
TJA1080A
Table 2.
Pin description
Symbol Pin
Type
Description
INH2
1
O
inhibit 2 output for switching external voltage regulator
INH1
2
O
inhibit 1 output for switching external voltage regulator
EN
3
I
enable input; when HIGH enabled; internal pull-down
VIO
4
P
supply voltage for VIO voltage level adaptation
TXD
5
I
transmit data input; internal pull-down
TXEN
6
I
transmitter enable input; when HIGH transmitter disabled; internal
pull-up
RXD
7
O
receive data output
BGE
8
I
bus guardian enable input; when LOW transmitter disabled; internal
pull-down
STBN
9
I
standby input; low-power mode when LOW; internal pull-down
TRXD1
10
I/O
data bus line 1 for inner star connection
TRXD0
11
I/O
data bus line 0 for inner star connection
RXEN
12
O
receive data enable output; when LOW bus activity detected
ERRN
13
O
error diagnoses output; when LOW error detected
VBAT
14
P
battery supply voltage
WAKE
15
I
local wake-up input; internal pull-up or pull-down (depends on
voltage at pin WAKE)
GND
16
P
ground
BM
17
I/O
bus line minus
BP
18
I/O
bus line plus
VCC
19
P
supply voltage (+5 V)
VBUF
20
P
buffer supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com