Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 2 Page - NXP Semiconductors

  TJA1080ATS/2/T Datasheet HTML 1Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 2Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 3Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 4Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 5Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 6Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 7Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 8Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
2 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
Very low EME to support unshielded cable
Differential receiver with high common-mode range for ElectroMagnetic Immunity
(EMI)
Auto I/O level adaptation to host controller supply voltage VIO
Can be used in 14 V and 42 V powered systems
Instant shut-down interface (via BGE pin)
Independent power supply ramp-up for VBAT, VCC and VIO
Transceiver can be used for linear passive bus topologies as well as active star
topologies
2.2 Low power management
Low power management including two inhibit switches
Very low current in Sleep and Standby modes
Local and remote wake-up
Supports remote wake-up via dedicated data frames
Wake-up source recognition
Automatic power-down (in Star-sleep mode) in star configuration
2.3 Diagnosis (detection and signalling)
Overtemperature detection
Short-circuit on bus lines
VBAT power-on flag (first battery connection and cold start)
Pin TXEN and pin BGE clamping
Undervoltage detection on pins VBAT, VCC and VIO
Wake source indication
2.4 Protection
Bus pins protected against 8 kV HBM ESD pulses
Bus pins protected against transients in automotive environment (according to
ISO 7637 class C)
Bus pins short-circuit proof to battery voltage (14 V and 42 V) and ground
Fail-silent behavior in case of an undervoltage on pins VBAT, VCC or VIO
Passive behavior of bus lines in the event that transceiver is not powered
2.5 Functional classes according to FlexRay electrical physical layer
specification (see Ref. 1)
Bus driver voltage regulator control
Bus driver - bus guardian control interface
Bus driver logic level adaptation
Active star - communication controller interface
Active star - bus guardian interface
Active star voltage regulator control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com