| Electronic Components Datasheet Search |
|
TJA1080ATS/2/T Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TJA1080ATS/2/T Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 49 page ![]() TJA1080A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 6 — 28 November 2012 24 of 49 NXP Semiconductors TJA1080A FlexRay transceiver 6.7.7 Temperature high flag The temperature high flag is set if the junction temperature exceeds Tj(dis)(high) in a normal power mode while pin VBAT is within its operating range. In node configuration the temperature high flag is reset if a negative edge is applied to pin TXEN while the junction temperature is lower than Tj(dis)(high) in a normal power mode with pin VBAT within its operating range. In star configuration, the temperature high flag is reset by any activity detection (edge) while the junction temperature is lower than Tj(dis)(high) in a normal power mode while pin VBAT is within its operating range. If the temperature high flag is set the transmitter is disabled and pins TRXD0 and TRXD1 are switched off. 6.7.8 TXEN_BGE clamped flag The TXEN_BGE clamped flag is set if pin TXEN is LOW and pin BGE is HIGH for longer than tdetCL(TXEN_BGE). The TXEN_BGE clamped flag is reset if pin TXEN is HIGH or pin BGE is LOW. If the TXEN_BGE flag is set, the transmitter is disabled. 6.7.9 Bus error flag The bus error flag is set if pin TXEN is LOW and pin BGE is HIGH and the data received from the bus lines (pins BP and BM) is different to that received on pin TXD. Additionally in star configuration the bus error flag is also set if the data received on the bus lines is different to that received on pins TRXD0 and TRXD1. The transmission of any valid communication element, including a wake-up pattern, does not lead to bus error indication. The error flag is reset if the data on the bus lines (pins BP and BM) is the same as on pin TXD or if the transmitter is disabled. No action will be taken if the bus error flag is set. 6.7.10 UVVBAT flag The UVVBAT flag is set if the voltage on pin VBAT is lower than Vuvd(VBAT). The UVVBAT flag is reset if the voltage is higher than Vuvd(VBAT) or by setting the wake flag; see Section 6.6.1. 6.7.11 UVVCC flag The UVVCC flag is set if the voltage on pin VCC is lower than Vuvd(VCC) for longer than tdet(uv)(VCC). The flag is reset if the voltage on pin VCC is higher than Vuvd(VCC) for longer than trec(uv)(VCC) or the wake flag is set; see Section 6.6.2. 6.7.12 UVVIO flag The UVVIO flag is set if the voltage on pin VIO is lower than Vuvd(VIO) for longer than tdet(uv)(VIO). The flag is reset if the voltage on pin VIO is higher than Vuvd(VIO) or the wake flag is set; see Section 6.6.3. 6.7.13 Error flag The error flag is set if one of the status bits S4 to S12 is set. The error flag is reset if none of the S4 to S12 status bits are set; see Table 10. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |