Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 30Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 31Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 32Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 33Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 34Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 35Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 36Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 37Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
34 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
10. Dynamic characteristics
Table 14.
Dynamic characteristics
All parameters are guaranteed for VBAT = 6.5 V to 60 V; VCC = 4.75 V to 5.25 V; VBUF = 4.75 V to 5.25 V; VIO = 2.2 V to 5.25 V;
Tvj = 40 C to +150 C; Rbus = 45 ; RTRXD = 200 unless otherwise specified. All voltages are defined with respect to
ground; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pins BP and BM
td(TXD-bus)
delay time from TXD to bus
Normal or Star-transmit mode
[1]
DATA_0
--50
ns
DATA_1
--50
ns
t
d(TXD-bus)
delay time difference from TXD
to bus
Normal or Star-transmit mode;
between DATA_0 and DATA_1
[1] --4
ns
td(TRXD-bus)
delay time from TRXD to bus
Star-transmit mode
[2]
DATA_0
--50
ns
DATA_1
--50
ns
t
d(TRXD-bus)
delay time difference from TRXD
to bus
Star-transmit mode; between
DATA_0 and DATA_1
[2][3] --5
ns
td(bus-RXD)
delay time from bus to RXD
Normal or Star-transmit mode;
CRXD = 15 pF; see Figure 13
DATA_0
--50
ns
DATA_1
--50
ns
t
d(bus-RXD)
delay time difference from bus to
RXD
Normal or Star-transmit mode;
CRXD = 15 pF; between DATA_0
and DATA_1; see Figure 13
--5
ns
td(bus-TRXD)
delay time from bus to TRXD
Star-receive mode; see
Figure 13
DATA_0
--50
ns
DATA_1
--50
ns
t
d(bus-TRXD)
delay time difference from bus to
TRXD
Star-receive mode; between
DATA_0 and DATA_1; see
Figure 13
[3] --5
ns
td(TXEN-busidle)
delay time from TXEN to bus idle Normal mode
-
46
100
ns
td(TXEN-busact)
delay time from TXEN to bus
active
Normal mode
-
39
75
ns
td(BGE-busidle)
delay time from BGE to bus idle
Normal mode
-
47
100
ns
td(BGE-busact)
delay time from BGE to bus
active
Normal mode
-
40
75
ns
td(bus)(idle-act)
bus delay time from idle to active Normal mode
-
7
30
ns
td(bus)(act-idle)
bus delay time from active to idle Normal mode
-
7
30
ns
tr(dif)(bus)
bus differential rise time
10 % to 90 %
Rbus = 45 ; Cbus = 100 pF
517
25
ns
tf(dif)(bus)
bus differential fall time
90 % to 10 %
Rbus = 45  Cbus = 100 pF
517
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com