Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 17Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 18Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 19Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 20Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 21Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 22Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 23Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 24Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
21 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
6.5.4 Local wake-up via pin WAKE
If the voltage on pin WAKE is lower than Vth(det)(WAKE) for longer than twake(WAKE) (falling
edge on pin WAKE) a local wake-up event on pin WAKE is detected. At the same time,
the biasing of this pin is switched to pull-down.
If the voltage on pin WAKE is higher than Vth(det)(WAKE) for longer than twake(WAKE), the
biasing of this pin is switched to pull-up, and no local wake-up will be detected.
Each interruption is 130 ns.
The transition time from DATA_0 to DATA_1 and from DATA_1 to DATA_0 is about 20 ns.
The TJA1080A wake-up flag will be set with the following pattern:
FFh, FFh, FFh, FFh, FFh, 00h, 00h, 00h, 00h, 00h,
FFh, FFh, FFh, FFh, FFh, 00h, 00h, 00h, 00h, 00h,
FFh, FFh, FFh, FFh, FFh, 00h, 00h, 00h, 00h, 00h,
FFh, FFh, FFh, FFh, FFh, FFh
Fig 9.
Minimum bus pattern for bus wake-up
015aaa043
Vdif
0 V
−1500
wake-up
+1500
870
ns
870
ns
870 ns 870 ns
770
ns
130 ns
130
ns
130
ns
5
μs
5
μs
5
μs
5
μs
Sleep mode: VIO and (VBAT or VCC) still provided.
Fig 10. Local wake-up timing via pin WAKE
001aae443
VBAT
VBAT
RXD and
RXEN
INH1 and
INH2
0 V
0 V
WAKE
twake(WAKE)
pull-up
pull-up
twake(WAKE)
pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com