Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 28Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 29Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 30Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 31Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 32Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 33Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 34Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 35Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
32 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
VOH(dif)
differential HIGH-level
output voltage
40
  R
bus  55 ;
VCC =VBUF = 5 V;
Cbus =100 pF
600
850
1500
mV
VOL(dif)
differential LOW-level
output voltage
40
  R
bus  55 ;
VCC =VBUF = 5 V;
Cbus =100 pF
1500
850
600
mV
VIH(dif)
differential HIGH-level
input voltage
normal power modes;
10 V  V
BP  +15 V;
10 V  V
BM  +15 V
150
210
300
mV
VIL(dif)
differential LOW-level
input voltage
normal power modes;
10 V  V
BP  +15 V;
10 V  V
BM  +15 V
300
210
150
mV
low power modes;
10 V  V
BP  +15 V;
10 V  V
BM  +15 V
400
210
100
mV
V
i(dif)(H-L)
differential input volt.
diff. betw. HIGH- and
LOW-levels (abs. value)
normal power modes
(VBP +VBM)/2=2.5V
--10
%
V
i(dif)det(act)
activity detection
differential input voltage
(absolute value)
normal power modes
150
210
300
mV
I
O(sc)
short-circuit output
current (absolute value)
on pin BP; 0 V
 V
BP  60 V
--35
mA
on pin BM; 0 V
 V
BM  60 V
--35
mA
on pins BP and BM; VBP =VBM;
0V
 V
BP  60 V;
0V
 V
BM  60 V
--35
mA
Ri(BP)
input resistance on pin
BP
idle level; Rbus =  
10
18.5
40
k
Ri(BM)
input resistance on pin
BM
idle level; Rbus =  
10
18.5
40
k
Ri(dif)(BP-BM)
differential input
resistance between pin
BP and pin BM
idle level; Rbus =  
20
37
80
k
ILI(BP)
input leakage current on
pin BP
VBP =5 V;
VBAT =VCC =VIO =0 V
10
0
+10
A
ILI(BM)
input leakage current on
pin BM
VBM =5V;
VBAT =VCC =VIO =0 V
10
0
+10
A
Vcm(bus)(DATA_0)
DATA_0 bus
common-mode voltage
Rbus = 45 
0.4VBUF
0.5VBUF
0.6VBUF
V
Vcm(bus)(DATA_1)
DATA_1 bus
common-mode voltage
Rbus = 45 
0.4VBUF
0.5VBUF
0.6VBUF
V
V
cm(bus)
bus common-mode
voltage difference
Rbus = 45 25
0
+25
mV
Ci(BP)
input capacitance on pin
BP
not tested; with respect to all
other pins at ground;
VBP = 100 mV; f = 5 MHz
[2] -
8
15
pF
Table 13.
Static characteristics …continued
All parameters are guaranteed for VBAT = 6.5 V to 60 V; VCC = 4.75 V to 5.25 V; VBUF = 4.75 V to 5.25 V; VIO = 2.2 V to 5.25 V;
Tvj = 40 C to +150 C; Rbus = 45 ; RTRXD = 200 unless otherwise specified. All voltages are defined with respect to
ground; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com