Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 27Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 28Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 29Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 30Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 31Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 32Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 33Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 34Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
31 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
Pin ERRN
IOH(ERRN)
HIGH-level output
current on pin ERRN
node configuration;
VERRN =VIO  0.4 V; VIO =VCC
1500
600
100
A
star configuration;
VERRN =VIO  0.4 V; VIO =VCC
10
+1
A
IOL(ERRN)
LOW-level output
current on pin ERRN
VERRN = 0.4 V
300
700
1500
A
Pin RXEN
IOH(RXEN)
HIGH-level output
current on pin RXEN
VRXEN = VIO  0.4 V; VIO =VCC
4
1.7
0.5
mA
IOL(RXEN)
LOW-level output
current on pin RXEN
VRXEN = 0.4 V
1
3.2
8
mA
Pins TRXD0 and TRXD1
VIH(TRXD0)
HIGH-level input voltage
on pin TRXD0
Star-idle and Star-transmit
modes
0.7VBUF
-VBUF + 0.3 V
VIL(TRXD0)
LOW-level input voltage
on pin TRXD0
Star-idle and Star-transmit
modes
0.3
-
0.3VBUF
V
VOL(TRXD0)
LOW-level output
voltage on pin TRXD0
Rpu = 200 0.3
-
+0.8
V
VIH(TRXD1)
HIGH-level input voltage
on pin TRXD1
Star-idle and Star-transmit
modes
0.7VBUF
-VBUF + 0.3 V
VIL(TRXD1)
LOW-level input voltage
on pin TRXD1
Star-idle and Star-transmit
modes
0.3
-
0.3VBUF
V
VOL(TRXD1)
LOW-level output
voltage on pin TRXD1
Rpu = 200 0.3
-
+0.8
V
Pins BP and BM
Vo(idle)(BP)
idle output voltage on
pin BP
Normal, Receive-only, Star-idle,
Star-transmit and Star-receive
modes; VTXEN =VIO
0.4VBUF
0.5VBUF
0.6VBUF
V
Standby, Go-to-sleep, Sleep,
Star-standby and Star-sleep
modes
0.1
0
+0.1
V
Vo(idle)(BM)
idle output voltage on
pin BM
Normal, Receive-only, Star-idle,
Star-transmit and Star-receive
modes; VTXEN =VIO
0.4VBUF
0.5VBUF
0.6VBUF
V
Standby, Go-to-sleep, Sleep,
Star-standby and Star-sleep
modes
0.1
0
+0.1
V
Io(idle)BP
idle output current on
pin BP
60 V  V
BP  +60 V; with
respect to GND and VBAT
7.5
-
+7.5
mA
Io(idle)BM
idle output current on
pin BM
60 V  V
BM  +60 V; with
respect to GND and VBAT
7.5
-
+7.5
mA
Vo(idle)(dif)
differential idle output
voltage
25
0
+25
mV
Table 13.
Static characteristics …continued
All parameters are guaranteed for VBAT = 6.5 V to 60 V; VCC = 4.75 V to 5.25 V; VBUF = 4.75 V to 5.25 V; VIO = 2.2 V to 5.25 V;
Tvj = 40 C to +150 C; Rbus = 45 ; RTRXD = 200 unless otherwise specified. All voltages are defined with respect to
ground; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com