| Electronic Components Datasheet Search |
|
TJA1080ATS/2/T Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TJA1080ATS/2/T Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 49 page ![]() TJA1080A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 6 — 28 November 2012 18 of 49 NXP Semiconductors TJA1080A FlexRay transceiver 6.3.2 Star-transmit mode This mode is entered if one of the following events occur: • If the transceiver is in Star-idle mode and activity is detected on pin TXEN. • If the transceiver is in Star-idle mode and activity is detected on pins TRXD0 and TRXD1. In Star-transmit mode the transmitter is enabled and the transceiver can transmit data on the bus lines and on the TRXD lines. It transmits the data received on pins TXD or TRXD0 and TRXD1, depending on where activity is detected: • If activity is detected on the TRXD lines, the transceiver transmits data from pins TRXD0 and TRXD1 to the bus. • If activity is detected on the TXEN, the transceiver transmits data from pin TXD to the bus and to the TRXD lines. 6.3.3 Star-receive mode This mode is entered if the transceiver is in Star-idle mode and activity has been detected on the bus lines. In Star-receive mode the transceiver transmits data received on the bus via the TRXD0 and TRXD1 lines to other transceivers connected to the TRXD lines. The transmitter is always disabled. RXD, which represents the data on the bus lines, is output at TRXD0 and TRXD1. 6.3.4 Star-standby mode This mode is entered if one of the following events occur: • From Star-idle, Star-transmit or Star-receive modes if the wake flag is set and an undervoltage on pin VCC is present for longer than tto(uv)(VCC). • If the PWON flag is set. In Star-standby mode the transceiver has entered a low power mode. In this mode the current consumption is as low as possible to prevent discharging the capacitor at pin VBUF. If pins VIO and VBUF are within their operating range, pins RXD and RXEN will indicate the wake flag. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |