Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 24Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 25Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 26Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 27Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 28Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 29Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 30Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 31Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
28 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
[6]
HBM: C = 100 pF; R = 1.5 k
.
[7]
MM: C = 200 pF; L = 0.75
H; R = 10 .
[8]
CDM: R = 1
.
8.
Thermal characteristics
9.
Static characteristics
Table 12.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
126
K/W
Table 13.
Static characteristics
All parameters are guaranteed for VBAT = 6.5 V to 60 V; VCC = 4.75 V to 5.25 V; VBUF = 4.75 V to 5.25 V; VIO = 2.2 V to 5.25 V;
Tvj = 40 C to +150 C; Rbus = 45 ; RTRXD = 200 unless otherwise specified. All voltages are defined with respect to
ground; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pin VBAT
IBAT
battery supply current
low power modes in node
configuration; no load on pins
INH1 and INH2
--55
A
Star-sleep mode
-
-
55
A
Star-standby mode; no load on
pins INH1 and INH2
-
-
150
A
normal power modes
-
-
1
mA
Vuvd(VBAT)
undervoltage detection
voltage on pin VBAT
2.75
-
4.5
V
Pin VCC
ICC
supply current
low power modes
10
+10
A
Normal mode; VBGE = 0 V;
VTXEN = VIO; Receive-only
mode; Star-idle mode
--15
mA
Normal mode; VBGE = VIO;
VTXEN = 0 V; VBUF open
[1] --35
mA
Normal mode; VBGE =VIO;
VTXEN = 0 V; Rbus =  
--15
mA
Star-transmit mode
-
-
62
mA
Star-receive mode
-
-
42
mA
Vuvd(VCC)
undervoltage detection
voltage on pin VCC
(VBAT  5.5 V AND
VIO  4.75 V) OR VBAT  6.5 V
2.75
3.7
4.5
V
Pin VIO
IIO
supply current on pin
VIO
low power modes
1+1
+10
A
Normal and Receive-only
modes; VTXD = VIO
-
-
1000
A
Vuvd(VIO)
undervoltage detection
voltage on pin VIO
11.5
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com