Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 29Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 30Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 31Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 32Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 33Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 34Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 35Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 36Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
33 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
[1]
Current flows from VCC to VBUF. This means that the maximum sum current ICC + IBUF is 35 mA.
[2]
These values are based on measurements taken on several samples (less than 10 pieces). These measurements have taken place in
the laboratory and have been done at Tamb = 25 C and Tamb = 125 C. No characterization has been done for these parameters. No
industrial test will be performed on production products.
Ci(BM)
input capacitance on pin
BM
not tested; with respect to all
other pins at ground;
VBM =100 mV; f = 5MHz
[2] -
8
15
pF
Ci(dif)(BP-BM)
differential input
capacitance between
pin BP and pin BM
not tested; with respect to all
other pins at ground;
V(BM-BP) = 100 mV; f = 5 MHz
[2] -2
5
pF
Pin INH1
VOH(INH1)
HIGH-level output
voltage on pin INH1
IINH1 = 0.2 mA
VBAT  0.8 VBAT  0.3 VBAT  0.1 V
IL(INH1)
leakage current on pin
INH1
Sleep mode
50
+5
A
IOL(INH1)
LOW-level output
current on pin INH1
VINH1 = 0 V
15
5
1mA
Pin INH2
VOH(INH2)
HIGH-level output
voltage on pin INH2
IINH2 = 0.2 mA
VBAT  0.8 VBAT  0.3 VBAT  0.1 V
IL(INH2)
leakage current on pin
INH2
Sleep mode
50
+5
A
IOL(INH2)
LOW-level output
current on pin INH2
VINH2 = 0 V
15
5
1mA
Pin WAKE
Vth(det)(WAKE)
detection threshold
voltage on pin WAKE
low power mode
2.5
-
4.5
V
IIL(WAKE)
LOW-level input current
on pin WAKE
VWAKE = 2.4 V for
t>twake(WAKE)
3-
11
A
IIH(WAKE)
HIGH-level input current
on pin WAKE
VWAKE = 4.6 V for
t>twake(WAKE)
11
-
3
A
Temperature protection
Tj(warn)(medium)
medium warning
junction temperature
VBAT > 5.5 V
155
165
175
C
Tj(dis)(high)
high disable junction
temperature
VBAT > 5.5 V
180
190
200
C
Power-on reset
Vth(det)POR
power-on reset
detection threshold
voltage
3.0
-
3.4
V
Vth(rec)POR
power-on reset recovery
threshold voltage
3.1
-
3.5
V
Vhys(POR)
power-on reset
hysteresis voltage
100
-
200
mV
Table 13.
Static characteristics …continued
All parameters are guaranteed for VBAT = 6.5 V to 60 V; VCC = 4.75 V to 5.25 V; VBUF = 4.75 V to 5.25 V; VIO = 2.2 V to 5.25 V;
Tvj = 40 C to +150 C; Rbus = 45 ; RTRXD = 200 unless otherwise specified. All voltages are defined with respect to
ground; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com