Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 3Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 4Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 5Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 6Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 7Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 8Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 9Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 10Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
7 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
6.1.3 Bus activity and idle detection
The following mechanisms for activity and idle detection are valid for node and star
configurations in normal power modes:
If the absolute differential voltage on the bus lines is higher than Vi(dif)det(act) for
tdet(act)(bus), then activity is detected on the bus lines and pin RXEN is switched to
LOW which results in pin RXD being released:
– If, after bus activity detection, the differential voltage on the bus lines is higher than
VIH(dif), pin RXD will go HIGH
– If, after bus activity detection, the differential voltage on the bus lines is lower than
VIL(dif), pin RXD will go LOW
If the absolute differential voltage on the bus lines is lower than Vi(dif)det(act) for
tdet(idle)(bus), then idle is detected on the bus lines and pin RXEN is switched to HIGH.
This results in pin RXD being blocked (pin RXD is switched to HIGH or stays HIGH)
Additionally, in star configuration, activity and idle can be detected (see Figure 6 for state
transitions due to activity/idle detection in star configuration):
If pin TXEN is LOW for longer than tdet(act)(TXEN), activity is detected on pin TXEN
If pin TXEN is HIGH for longer than tdet(idle)(TXEN), idle is detected on pin TXEN
If pin TRXD0 or TRXD1 is LOW for longer than tdet(act)(TRXD), activity is detected on
pins TRXD0 and TRXD1
If pin TRXD0 and TRXD1 is HIGH for longer than tdet(idle)(TRXD), idle is detected on
pins TRXD0 and TRXD1
6.2 Operating modes in node configuration
The TJA1080A provides two control pins STBN and EN in order to select one of the
modes of operation in node configuration. See Table 3 for a detailed description of the pin
signalling in node configuration, and Figure 3 for the timing diagram.
All mode transitions are controlled via pins EN and STBN unless an undervoltage
condition is present.
If VIO and (VBUF or VBAT) are within their operating ranges, pin ERRN indicates the status
of the error flag. Operating ranges are: VBAT = 6.5 V to 60 V, VCC = 4.75 V to 5.25 V,
VBUF = 4.75 V to 5.25 V and VIO = 2.2 V to 5.25 V.
[1]
Pin ERRN provides a serial interface for retrieving diagnostic information.
[2]
Valid if VIO and (VBUF or VBAT) are present.
Table 3.
Pin signalling in node configuration
Mode
STBN EN
ERRN[1]
RXEN
RXD
Transmitter INH1
INH2
LOW
HIGH
LOW
HIGH
LOW
HIGH
Normal
HIGH
HIGH error flag
set
error flag
reset
bus
activity
bus
idle
bus
DATA_0
bus
DATA_1
or idle
enabled
HIGH HIGH
Receive-only
HIGH
LOW
disabled
Go-to-sleep
LOW
HIGH error flag
set[2]
error flag
reset
wake flag
set[2]
wake
flag
reset
wake flag
set[2]
wake
flag
reset
float[3]
Standby
LOW
LOW
Sleep
LOW
X
float
float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com