Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 31Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 32Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 33Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 34Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 35Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 36Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 37Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 38Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
35 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
WAKE symbol detection
tdet(wake)DATA_0
DATA_0 wake-up detection time
Standby, Sleep, Star-standby or
Star-sleep modes
10 V
 V
BP  +15 V
10 V
 V
BM  +15 V
1-
4
s
tdet(wake)idle
idle wake-up detection time
1
-
4
s
tdet(wake)tot
total wake-up detection time
50
-
115
s
Undervoltage
tdet(uv)(VCC)
undervoltage detection time on
pin VCC
100
-
670
ms
trec(uv)(VCC)
undervoltage recovery time on
pin VCC
1-
5.2
ms
tdet(uv)(VIO)
undervoltage detection time on
pin VIO
100
-
670
ms
tto(uv)(VCC)
undervoltage time-out time on
pin VCC for entering Standby
mode
star configuration; wake flag is
set
432
-
900
s
tdet(uv)(VBAT)
undervoltage detection time on
pin VBAT
--1
ms
Activity detection
tdet(act)(TXEN)
activity detection time on pin
TXEN
star configuration
100
-
200
ns
tdet(act)(TRXD)
activity detection time on pin
TRXD
star configuration
100
-
200
ns
tdet(act)(bus)
activity detection time on bus
pins
Vdif: 0 mV  400 mV
100
-
250
ns
tdet(idle)(TXEN)
idle detection time on pin TXEN
star configuration
100
-
200
ns
tdet(idle)(TRXD)
idle detection time on pin TRXD
star configuration
50
-
100
ns
tdet(idle)(bus)
idle detection time on bus pins
Vdif: 400 mV  0 mV
100
-
250
ns
Star modes
tto(idle-sleep)
idle to sleep time-out time
640
-
2660
ms
tto(tx-locked)
transmit to locked time-out time
2600
-
10400
s
tto(rx-locked)
receive to locked time-out time
2600
-
10400
s
tto(locked-sleep)
locked to sleep time-out time
64
-
333
ms
tto(locked-idle)
locked to idle time-out time
1.4
-
5.1
s
Node modes
td(STBN-RXD)
STBN to RXD delay time
STBN HIGH to RXD HIGH; wake
flag set
--2
s
td(STBN-INH2)
STBN to INH2 delay time
STBN LOW to INH2 floating;
Normal mode
--12
s
th(gotosleep)
go-to-sleep hold time
20
35
50
s
Status register
tdet(EN)
detection time on pin EN
for mode control
20
-
80
s
TEN
time period on pin EN
for reading status bits
4
-
20
s
Table 14.
Dynamic characteristics …continued
All parameters are guaranteed for VBAT = 6.5 V to 60 V; VCC = 4.75 V to 5.25 V; VBUF = 4.75 V to 5.25 V; VIO = 2.2 V to 5.25 V;
Tvj = 40 C to +150 C; Rbus = 45 ; RTRXD = 200 unless otherwise specified. All voltages are defined with respect to
ground; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com