Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 16Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 17Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 18Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 19Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 20Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 21Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 22Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 23Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
20 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
6.5 Wake-up mechanism
6.5.1 Node configuration
In Sleep mode (pins INH1 and INH2 are switched off), the transceiver will enter Standby
mode or Go-to-sleep mode (depending on the value at pin EN), if the wake flag is set.
Consequently, pins INH1 and INH2 are switched on.
If no undervoltage is present on pins VIO and VBAT, the transceiver switches immediately
to the mode indicated on pins EN and STBN.
In Standby, Go-to-sleep and Sleep modes pins RXD and RXEN are driven LOW if the
wake flag is set.
6.5.2 Star configuration
In Star-sleep mode (pins INH1 and INH2 are switched off), the transceiver will enter
Star-idle mode (pins INH1 and INH2 are switched on) if the wake flag is set. After entering
Star-idle mode the transceiver monitors for activity to choose the appropriate mode
transition (see Figure 6).
6.5.3 Remote wake-up
6.5.3.1
Bus wake-up via wake-up pattern
Bus wake-up is detected if two consecutive DATA_0 of at least tdet(wake)DATA_0 separated
by an idle or DATA_1 of at least tdet(wake)idle, followed by an idle or DATA_1 of at least
tdet(wake)idle are present on the bus lines within tdet(wake)tot.
6.5.3.2
Bus wake-up via dedicated FlexRay data frame
The reception of a dedicated data frame, emulating a valid wake-up pattern, as shown in
Figure 9, sets the wake-up flag of the TJA1080A.
Due to the Byte Start Sequence (BSS), preceding each byte, the DATA_0 and DATA_1
phases for the wake-up symbol are interrupted every 1
s. For 10 Mbit/s the maximum
interruption time is 130 ns. Such interruptions do not prevent the transceiver from
recognizing the wake-up pattern in the payload of a data frame.
The wake-up flag will not be set upon reception of an invalid wake-up pattern.
Fig 8.
Bus wake-up timing
001aae442
0 V
−425 mV
Vdif
tdet(wake)tot
tdet(wake)Data_0
tdet(wake)idle
tdet(wake)Data_0
tdet(wake)idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com